Electronic Components Datasheet Search
  English  ▼

X  

SW4325C Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4325C
Description  EXTERNAL DESKTOP POWER SUPPLY 20VDC 65WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4325C Datasheet(HTML) 1 Page - TT Electronics.

  SW4325C Datasheet HTML 1Page - TT Electronics. SW4325C Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 20VDC 65WATT
POWERPAX: SW4325C
© TT Electronics plc
ISS.3 22/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 65 Watt AC/DC switch mode power supplies provide 65 Watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW4325C
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C14
Input Current Rated
1.4A Max
Inrush Current
80A Max
Leakage Current
<3.5mA
Efficiency
DOE CEC VI /rP Stage2
Input Power (Output: No Load)
0.21W max
Output Voltage Rating
20V
Output Current Range
3.25A Max
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
+/-5%
Over Voltage Protection
V out * 150% Max. (Latch)
Over Load Protection
I out * 150% Max. (Auto recovery)
Short Circuit Protection
Shut down
Ripple Voltage
1-2% Vp-p Max of O/P V At Full Load
Hi-Pot
3000Vac 10mA 1 min.
Safety Approved
CB, UL, Cul, FCC, GS, CE, PSE, BSMI, CCC
EMI Standard
Conduction & Radiation: Compliance to EN55022
Operating Temperature Range
0°C → +40 °C
Storage Temperature
-20°C → +80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
115(L) x 53(W) x 38(H) mm
Product Weight
310g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4325C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4321B TTELEC-SW4321B Datasheet
387Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 48VDC 24WATT
29/09/2021
SW4322-E TTELEC-SW4322-E Datasheet
340Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 9VDC 36WATT
17/06/2020
SW4323B TTELEC-SW4323B Datasheet
368Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 15VDC 50WATT
22/05/2020
SW4324-C TTELEC-SW4324-C Datasheet
242Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 18VDC 65WATT
22/05/2020
SW4326B TTELEC-SW4326B Datasheet
312Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 50WATT
22/05/2020
More results

Similar Description - SW4325C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
ADL Embedded Solutions
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
logo
Mean Well Enterprises C...
ESP-120_1108 MEANWELL-ESP-120_1108 Datasheet
312Kb / 3P
108W/216W Desktop Power Supply or Charger
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com