Electronic Components Datasheet Search
  English  ▼

X  

SW4333-B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4333-B
Description  EXTERNAL DSEKTOP POWER SUPPLY 12VDC 90WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4333-B Datasheet(HTML) 1 Page - TT Electronics.

  SW4333-B Datasheet HTML 1Page - TT Electronics. SW4333-B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW4333-B
© TT Electronics plc
ISS.3 29/09/2021 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,EN,FCC,GS,CE,RCM
UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our Range of 90 Watt AC/DC switch mode power supplies provide 90 Watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW4333-B
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C14
Input Current Rated
1.5A Max.
Inrush Current
≤60A at 110 Vac At cold start, maximum load
≤120A at 220 Vac At cold start, maximum load
Efficiency
88% Min
Input Power (Output: No Load)
≤0.21W (CEC & DOE LEVEL VI Compliant)
Output Voltage Rating
12Vdc
Output Current Range
7.5A Max.
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm Centre Positive – Straight
Line and Load Regulation
+/-5%
Over Voltage Protection
V out 150% Max.
Over Current Protection
I out 170% Max.
Short Circuit Protection
Automatic recovery after short circuit fault being removed
Ripple Voltage
180mV
Hi-Pot
1800Vac 3mA 2sec.
Safety Approved
UL, CUL, EN, CB, CE, FCC, CCC, PSE, (UKCA pending)
EMI Standard
CISPR 32, EN 55032 Class B
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +85°C
Operating Humidity
10% to 90%
Storage Humidity
5% to 90%
MTBF
30,000hrs
Dimensions
137(L) x 59(W) x 34(H) mm
Product Weight
450 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4333-B

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
SW433-BM-02 G-NICE-SW433-BM-02 Datasheet
343Kb / 4P
433MHz Yagi antenna
2024-1
SW433-LXP-10M G-NICE-SW433-LXP-10M Datasheet
287Kb / 3P
433MHZ SUCKER ANTENNA
2024-03
SW433-TH32 G-NICE-SW433-TH32 Datasheet
442Kb / 3P
433MHZ COPPER SPRING ANTENNA
2024-3
SW433-TH32DN G-NICE-SW433-TH32DN Datasheet
450Kb / 3P
433MHZ NICKEL PLATED SPRING ANTENNA
2025-3
SW433-ZT100 G-NICE-SW433-ZT100 Datasheet
243Kb / 3P
433MHZ STRAIGHT ROD ANTENNA
2022-5
More results

Similar Description - SW4333-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com