Electronic Components Datasheet Search
  English  ▼

X  

0802762 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0802762
Description  EML (20X8)RXL - Label
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0802762 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0802762 Datasheet HTML 1Page - PHOENIX CONTACT 0802762 Datasheet HTML 2Page - PHOENIX CONTACT 0802762 Datasheet HTML 3Page - PHOENIX CONTACT 0802762 Datasheet HTML 4Page - PHOENIX CONTACT 0802762 Datasheet HTML 5Page - PHOENIX CONTACT 0802762 Datasheet HTML 6Page - PHOENIX CONTACT 0802762 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, Number of individual
labels: 20000, text field height: 8 mm, text field width: 20 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
•
A wide range of marker sizes and colors are available for custom designs
•
Commercial data
Item number
0802762
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG16
Product key
BG2411
GTIN
4046356862011
Weight per piece (including packing)
1,049.8 g
Weight per piece (excluding packing)
1,049 g
Customs tariff number
39269097
Country of origin
PL
EML (20X8)RXL - Label
0802762
https://www.phoenixcontact.com/us/products/0802762
Jul 1, 2025, 5:49AM
Page 1 (7)


Similar Part No. - 0802762

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802764 PHOENIX-0802764 Datasheet
53Kb / 2P
Thanks to their special shape, EMT insert labels remain securely inside the collar once inserted
0802765 PHOENIX-0802765 Datasheet
189Kb / 6P
EMT (31X12,5)R YE CUS - Insert label
More results

Similar Description - 0802762

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0802999 PHOENIX-0802999 Datasheet
49Kb / 3P
Label - EML (20X8)R/TL
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0803822 PHOENIX-0803822 Datasheet
52Kb / 2P
Label - US-EML (D39)
0803842 PHOENIX-0803842 Datasheet
52Kb / 2P
Label - US-EMLF (20X8) YE
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815680 PHOENIX-0815680 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)R
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0819327 PHOENIX-0819327 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (20X8)
0828097 PHOENIX-0828097 Datasheet
48Kb / 3P
Plastic label - UC-EMLP (20X8) SR
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com