Electronic Components Datasheet Search
  English  ▼

X  

0803186 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803186
Description  EML-RM (70X50)R - Label, can be removed
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803186 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803186 Datasheet HTML 1Page - PHOENIX CONTACT 0803186 Datasheet HTML 2Page - PHOENIX CONTACT 0803186 Datasheet HTML 3Page - PHOENIX CONTACT 0803186 Datasheet HTML 4Page - PHOENIX CONTACT 0803186 Datasheet HTML 5Page - PHOENIX CONTACT 0803186 Datasheet HTML 6Page - PHOENIX CONTACT 0803186 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be removed, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300
(D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive,
Number of individual labels: 1000, text field height: 50 mm, text field width: 70 mm
Your advantages
The EML-RM label is ideal for temporary marking
•
This label features solid and reliable adhesion, but can also be easily removed again without any leftover residue. Once removed, it cannot be re-
used
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML-RM ... materials are UL-listed
•
Labeling service: Phoenix Contact can custom-label all EML-RM ... markers in accordance with your requirements
•
Commercial data
Item number
0803186
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG16
Product key
BG2411
GTIN
4055626005539
Weight per piece (including packing)
822 g
Weight per piece (excluding packing)
820 g
Customs tariff number
39269097
Country of origin
US
EML-RM (70X50)R - Label, can be removed
0803186
https://www.phoenixcontact.com/us/products/0803186
Jul 1, 2025, 5:50AM
Page 1 (7)


Similar Part No. - 0803186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803187 PHOENIX-0803187 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R SR
More results

Similar Description - 0803186

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830528 PHOENIX-0830528 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (8X8)R
0830529 PHOENIX-0830529 Datasheet
59Kb / 3P
Label, can be removed - EML-RM (15X6)R
0830530 PHOENIX-0830530 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (15X15)R
0830531 PHOENIX-0830531 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (20X7)R
0830533 PHOENIX-0830533 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (25X8)R
0830534 PHOENIX-0830534 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (25,4X12,7)R
0830535 PHOENIX-0830535 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (32X10)R
0830536 PHOENIX-0830536 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (35X6,5)R
0830537 PHOENIX-0830537 Datasheet
51Kb / 3P
Label, can be removed - EML-RM (40X15)R
0830538 PHOENIX-0830538 Datasheet
50Kb / 3P
Label, can be removed - EML-RM (45X5)R
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com