Electronic Components Datasheet Search
  English  ▼

X  

0803955 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803955
Description  MM-EMLF (EX10)R C1 OG/BK - Label, highly flexible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803955 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803955 Datasheet HTML 1Page - PHOENIX CONTACT 0803955 Datasheet HTML 2Page - PHOENIX CONTACT 0803955 Datasheet HTML 3Page - PHOENIX CONTACT 0803955 Datasheet HTML 4Page - PHOENIX CONTACT 0803955 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, highly flexible, Roll, orange/black, unlabeled, can be labeled with: THERMOFOX,
THERMOMARK GO, THERMOMARK GO.K, mounting type: adhesive, text field height: 8 mm,
text field width: 8000 mm
Your advantages
High-quality and solvent-resistant marking solution for industrial applications that is created by means of thermal transfer printing
•
The self-adhesive material in continuous format is particularly suitable for the professional and permanent marking of various components and
equipment in control cabinet, controller, and systems manufacturing
•
Thanks to the continuous format, a label of the appropriate length can be created flexibly for the relevant application
•
Easy and efficient material cartridge system: Includes both the material to be printed and the corresponding ink ribbon
•
Commercial data
Item number
0803955
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG23
Product key
BG241E
GTIN
4055626212326
Weight per piece (including packing)
57.9 g
Weight per piece (excluding packing)
57.9 g
Customs tariff number
96121010
Country of origin
CN
MM-EMLF (EX10)R C1 OG/BK - Label, highly flexible
0803955
https://www.phoenixcontact.com/us/products/0803955
Jul 1, 2025, 5:44AM
Page 1 (5)


Similar Part No. - 0803955

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803950 PHOENIX-0803950 Datasheet
187Kb / 5P
MM-EMLF (EX10)R C1 GN/WH - Label, highly flexible
0803954 PHOENIX-0803954 Datasheet
188Kb / 5P
MM-EMLF (EX24)R C1 GN/WH - Label, highly flexible
0803957 PHOENIX-0803957 Datasheet
54Kb / 3P
Label, highly flexible - MM-EMLF (EX18)R C1 OG/BK
06/20/2018
0803958 PHOENIX-0803958 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 OG/BK
0803959 PHOENIX-0803959 Datasheet
188Kb / 5P
MM-EMLF (EX10)R C1 RD/WH - Label, highly flexible
More results

Similar Description - 0803955

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804198 PHOENIX-0804198 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R RD
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
Label, highly flexible - EMLF (108XE)R OG
0803937 PHOENIX-0803937 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 WH/BK
0803939 PHOENIX-0803939 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 WH/BK
0803940 PHOENIX-0803940 Datasheet
52Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 WH/BK
0803941 PHOENIX-0803941 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX10)R C1 YE/BK
0803942 PHOENIX-0803942 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX12)R C1 YE/BK
0803943 PHOENIX-0803943 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX18)R C1 YE/BK
0803958 PHOENIX-0803958 Datasheet
53Kb / 2P
Label, highly flexible - MM-EMLF (EX24)R C1 OG/BK
1116052 PHOENIX-1116052 Datasheet
55Kb / 2P
Label - MM-EML (EX10)R C1 YE/BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com