Electronic Components Datasheet Search
  English  ▼

X  

PA80F/F Datasheet(PDF) 1 Page - Hylec-APL Ltd. All rights reserved.

Part # PA80F/F
Description  Interlocking barrier terminal block pa81 end plate for modular pa80
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYLEC [Hylec-APL Ltd. All rights reserved.]
Direct Link  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

PA80F/F Datasheet(HTML) 1 Page - Hylec-APL Ltd. All rights reserved.

  PA80F/F Datasheet HTML 1Page - Hylec-APL Ltd. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PA80F/F
Interlocking barrier terminal block pa81 end plate for modular pa80
SPECIFICATION
Tab Size (mm)
6.3x0.8
Terminal Material
Zinc-plated steel
Body Material
Natural polyamide
UL94 Rating
UL94V2
Max Conductor Size (Sq mm)
2.5
Min Conductor Size AWG
22
Max Conductor Size AWG
12
Max Current (A)
20
Max Voltage (V)
450
Minimum Temp Rating °C
-5
Max Temp Rating °C
110
Height (mm)
29
Width (mm)
38
Length (mm)
11
Accessories Available
PA262 ACC
DISTRIBUTORS
Tel: 01933 234400
Fax: 01933 234411
Email: sales@hylec-apl.com
Web: www.hylec-apl.com


Similar Part No. - PA80F/F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA80 ETC-PA80 Datasheet
158Kb / 2P
Interlocking Barrier Terminal block.
PA8000 ETC2-PA8000 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
American Accurate Compo...
PA8012N4030 AAC-PA8012N4030 Datasheet
56Kb / 1P
1W Solid State Power and GPS Power Amplifiers
logo
List of Unclassifed Man...
PA8013 ETC2-PA8013 Datasheet
31Kb / 1P
CRIMPALL RG59/RG6 CATV CLAMSHELL
logo
American Accurate Compo...
PA8018N4020 AAC-PA8018N4020 Datasheet
56Kb / 1P
1W Solid State Power and GPS Power Amplifiers
More results

Similar Description - PA80F/F

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0210800000 WEIDMULLER-0210800000 Datasheet
56Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, beige
0271800000 WEIDMULLER-0271800000 Datasheet
51Kb / 1P
Modular terminal, accessories, End plate with end bracket
0271900000 WEIDMULLER-0271900000 Datasheet
50Kb / 1P
Modular terminal, accessories, End plate with end bracket
0297700000 WEIDMULLER-0297700000 Datasheet
48Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, yellow
0326660000 WEIDMULLER-0326660000 Datasheet
48Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, beige, 26 mm
0485200000 WEIDMULLER-0485200000 Datasheet
47Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, transparent
0485760000 WEIDMULLER-0485760000 Datasheet
49Kb / 1P
Modular terminal, accessories, end plate and intermediate plate, beige, 3 mm
logo
WAGO Kontakttechnik Gmb...
2002-2203-099-000 WAGO-2002-2203-099-000 Datasheet
672Kb / 16P
Double-deck terminal block; Through/through terminal block; with end plate
24.11.2021
2000-2248-099-000 WAGO-2000-2248-099-000 Datasheet
721Kb / 15P
Double-deck terminal block; Shield/through terminal block; with end plate
25.11.2021
2000-2258-099-000 WAGO-2000-2258-099-000 Datasheet
490Kb / 14P
Double-deck terminal block; Shield/through terminal block; with end plate
25.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com