Electronic Components Datasheet Search
  English  ▼

X  

209 Datasheet(PDF) 8 Page - PANAVISE PRODUCTS, INC.

Part # 209
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

209 Datasheet(HTML) 8 Page - PANAVISE PRODUCTS, INC.

  209 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 209 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Model 300 Features:
> Accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Create a versatile work holding system by selecting two or three different Heads!
> Single control knob and exclusive “split-ball” lock Head firmly in place
> Base features 4.3125” (109.5mm) bolt circle countersunk for three 1/4” (6.3mm)
flat-head screws (not included)
> Height: 3.75” (95.2mm), Weight: 1.4 lbs. (0.6kg)
13
+1.800.759.7535
www.panavise.com
Standard Base Model 300
Our most popular base!
Vise Bases
Our patented “split-ball” technology is built into every 300 series Vise Base so you can easily “Tilt, Turn & Rotate” your work.
Bases are compatible with all 300 series Vise Heads (pages 10-12) and accept any 5/8” (15.9mm) diameter shaft. Models 300
and 305 are compatible with all 300 series Base Mounts (pages 14-15). Mix and match to create the perfect combination!
Model 305 Features:
> Designed for working close to the bench surface
> Accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Use with the 304 Low-Profile Head (page 11) to create a very low-profile vise
> Single control knob and exclusive “split-ball” locks Head firmly in place
> Base features 4.3125” (109.5mm) bolt circle countersunk for three 1/4” (6.3mm)
flat-head screws (not included)
> Height: 2.5” (63.5mm), Weight: 1.3 lbs. (0.6kg)
Low-Profile Base Model 305
Lowest Profile Base on the market!
Model 380 Features:
> Our Vacuum Base is in wide use for portable applications. Simply flip the lever to
“activate” the rubber pad and attach the unit to any smooth, non-porous surface
> Accepts all 300 series Heads and any 5/8” (15.9mm) diameter shaft
> Pad footprint measures 5.125” x 4.25” (130.2mm x108mm)
> Single control knob and exclusive “split-ball” locks Head firmly in place
> Height: 3.25” (82.5mm), Weight: 1.7 lbs. (0.8kg)
Vacuum Base Model 380
Create the world’s most PORTABLE work holding tool!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com