Electronic Components Datasheet Search
  English  ▼

X  

385 Datasheet(PDF) 6 Page - PANAVISE PRODUCTS, INC.

Part # 385
Description  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

385 Datasheet(HTML) 6 Page - PANAVISE PRODUCTS, INC.

  385 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 385 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
11
+1.800.759.7535
www.panavise.com
Low-Profile Head Model 304
Popular for jewelry making, watch repair and lapidary work!
Model 304 Features:
> Same basic function as the 303 Standard Head (page 10), except that the
shaft is cast into the back of the Head. This allows the Head to be positioned
more closely to the work surface — great for use under a magnifying light
> When used with a 305 Low Profile Base (page 13), you can create a very
low-profile Vise
> Features steel jaws. Additional jaws are available for this Head (page 22)
> Throat depth: 1.375” (34.9mm)
> Length: 7.75” (196.8mm), Weight: 1.4 lbs. (0.6kg)
Model 366 Features:
> Jaws pads are 1.875” (47.6mm) high x 1.5” (38.1mm) wide. Opens to 6” (152.4mm)
with jaw pads and 6.25” (158.8mm) without jaw pads
> Ribbed, neoprene jaw pads provide a sure grip and can hold and insulate PC boards
and other larger objects; reverse the pads and the wide “V” holds delicate cylindrical
objects such as coils and tuners
> Remove jaw pads from steel jaws when working with high heat
> Black oxide coating reduces glare and promotes eye comfort
> Head Length: 11” (279.4mm)
> Height (shaft to top of jaw pads): 5.125” (130.2mm), Weight: 1.6 lbs (0.7kg)
Wide Opening Head Model 366
Hold large objects with this general purpose Vise Head!
Model 376 Features:
> Self-centering, extra-wide opening jaws open a full 9” (228.6mm) and hold heavy
objects by centering weight over the base
> Ribbed, neoprene jaw pads are 1.875” (47.6mm) high x 1.5” (38.1mm) wide and
provide a sure grip; reverse the pads and the wide “V” holds round or elliptical objects
> “Double action” jaws open/close quickly. Jaws can be reversed to provide 0” closure
> Black oxide coating reduces glare and promotes eye comfort
> Head Length: 11.5” (292.1mm)
> Height (shaft to top of jaw pads): 5.25” (133.3mm), Weight: 1.9 lbs. (0.9kg)
Extra-Wide Opening Head Model 376
Hold large, heavy objects with this general purpose Vise Head!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com