Electronic Components Datasheet Search
  English  ▼

X  

SW4520-C Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4520-C
Description  INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 65WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4520-C Datasheet(HTML) 1 Page - TT Electronics.

  SW4520-C Datasheet HTML 1Page - TT Electronics. SW4520-C Datasheet HTML 2Page - TT Electronics. SW4520-C Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INTERCHANGEABLE WALL PLUG
POWER SUPPLY 15VDC 65WATT
POWERPAX: SW4520-C
© TT Electronics plc
ISS.3 23/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Interchangeable AC Heads
•
1 Year Warranty
•
Level VI Efficiency
•
Worldwide Approvals
Description:
Our range of 65 Watt Interchangeable wall plug power supplies provide 65 Watts of continuous power with the flexibility of
worldwide usage as they are supplied with UK, Euro, USA & Auz AC Heads , all Efficiency Level VI and carry worldwide safety
Specification
Part Number
SW4520-C
Input Voltage Range
90-264 Vac
Input Frequency Range
47-63Hz
Input Current Rated
1.5A Max
Input AC Heads
UK, Euro, USA & Auz
Output Voltage
15V
Output Current Range
4.33A
Output Min Current
0A
Output Connection Type
2.1x5.5x12mm centre positive – Straight
Total Output Regulation
+/- 5%
Line and Load Regulation
+/- 5%
Ripple & Noise
150mVp-p
Efficiency
88%
Over Voltage Protection
Over voltage protection point will be less than output volt-
age 120%.
Over Load Protection
Over load protection point output current min 120% with
auto-recovery function .
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +70°C
Operating Humidity
20% to 80%
Storage Humidity
5% to 95%
Hi-Pot
3000VAC 10mA 1min
Leakage Current
0.25mA max
Safety Standard
CB, TUV, GS, cTUVus
EMI Standard
CE, FCC, VCCI, RCM
MTBF
40K Hours
Size mm max.
109(L) x 47(W) x 32(H)
Weight
350 g


Similar Part No. - SW4520-C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4521B TTELEC-SW4521B Datasheet
299Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 15WATT
25/06/2020
SW4525B TTELEC-SW4525B Datasheet
348Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 24WATT
29/05/2020
SW4526B TTELEC-SW4526B Datasheet
279Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT
22/06/2020
More results

Similar Description - SW4520-C

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-R13 TRIAD-WSX150-1600-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com