Electronic Components Datasheet Search
  English  ▼

X  

SW4525B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4525B
Description  EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 24WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4525B Datasheet(HTML) 1 Page - TT Electronics.

  SW4525B Datasheet HTML 1Page - TT Electronics. SW4525B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROPEAN 2-PIN PLUG-IN
POWER SUPPLY 12VDC 24WATT
POWERPAX: SW4525B
© TT Electronics plc
ISS.3 29/05/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
European Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our range of Class II 24 Watt AC/DC European plug-in power supplies provide 24 Watts of continuous power in a compact
fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4525B
Input Voltage Range
90-264Vac
Input Frequency Range
50/60Hz ±3Hz
Input Current Rated
0.6A Max
Output Voltage Rating
+12 V
Output Current Range
2A
Output Min Current
0A
Output Connection Type
2.1x5.5x12mm Centre Positive – Straight
Rating Output Power
24W
Line and Load Regulation
+/- 5%
Ripple & Noise
150mVp-p
Efficiency
86.2% Min
Over Voltage Protection
The output voltage shall be clamped by internal protection.
Over Current Protection
The power supply will be protection when output power at 110-
200% of all rated dc output.
Short-circuit protection
The adapter shall not be damaged by short the DC output to
Ground. The adapter shall resume normal operation when a short
circuited fault condition is removed.
Operating Temperature
0°C to +40°C
Storage Temperature
-20 to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000Vac 5mA 1min
Leakage Current
Shall not exceed 0.25mA
Safety Standard
TUV, CE
EMC Standard
FCC part 15: Class B
EN55022:2010, Class B
EN 55024:2010
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
MTBF
50K Hours
Size mm max.
88.5 (L) x 43.3 (W) x 31.25 (H)
Weight
85g


Similar Part No. - SW4525B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4520-C TTELEC-SW4520-C Datasheet
413Kb / 3P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 65WATT
23/06/2020
SW4521B TTELEC-SW4521B Datasheet
299Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 15WATT
25/06/2020
SW4526B TTELEC-SW4526B Datasheet
279Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT
22/06/2020
More results

Similar Description - SW4525B

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
2158H10C3 ETC2-2158H10C3 Datasheet
376Kb / 2P
CORDSET - EUROPEAN POWER SUPPLY CORD
2125H10C3 ETC2-2125H10C3 Datasheet
379Kb / 2P
CORDSET - EUROPEAN DETACHABLE POWER SUPPLY CORD
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
2116H10C3 ETC2-2116H10C3 Datasheet
384Kb / 2P
CORDSET - CONTINENTAL EUROPEAN POWER SUPPLY CORD
1780110C3 ETC2-1780110C3 Datasheet
397Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN DETACHABLE POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com