Electronic Components Datasheet Search
  English  ▼

X  

SW4526B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4526B
Description  EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 12WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4526B Datasheet(HTML) 1 Page - TT Electronics.

  SW4526B Datasheet HTML 1Page - TT Electronics. SW4526B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROPEAN 2-PIN PLUG-IN
POWER SUPPLY 12VDC 12WATT
POWERPAX: SW4526B
© TT Electronics plc
ISS.3 22/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
European Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 12 Watt AC/DC European plug-in power supplies provide 12 Watts of continuous power in a compact
fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4526B
Input Voltage Range
100-240Vac
Input Frequency Range
47-63Hz
Input Current Rated
0.4A Max
Output Voltage Rating
+12V
Output Current Range
1A
Output Min Current
0.01A
Output Connection Type
2.1x5.5x12mm Centre Positive – Straight
Line and Load Regulation
+/- 5%
Ripple & Noise
120mVp-p
Efficiency
83.26%Min
Short-circuit Protection
The adapter shall not be damaged by short the DC output to Ground.
Over Current Protection
The output shall be protected against the over current conditions.
Operating Temperature
0°C to +50°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000Vac 5mA 1min
Leakage Current
0.25mA max
Safety Standard
TUV,CE
EMI Standard
FCC part 15: Class B
EN55032, Class B
MTBF
50K Hours
Size mm max.
78.98 (L) x 41 (W) x 49.2
Weight
85 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4526B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4520-C TTELEC-SW4520-C Datasheet
413Kb / 3P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 15VDC 65WATT
23/06/2020
SW4521B TTELEC-SW4521B Datasheet
299Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5VDC 15WATT
25/06/2020
SW4525B TTELEC-SW4525B Datasheet
348Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 24WATT
29/05/2020
More results

Similar Description - SW4526B

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
2158H10C3 ETC2-2158H10C3 Datasheet
376Kb / 2P
CORDSET - EUROPEAN POWER SUPPLY CORD
2125H10C3 ETC2-2125H10C3 Datasheet
379Kb / 2P
CORDSET - EUROPEAN DETACHABLE POWER SUPPLY CORD
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
2116H10C3 ETC2-2116H10C3 Datasheet
384Kb / 2P
CORDSET - CONTINENTAL EUROPEAN POWER SUPPLY CORD
1780110C3 ETC2-1780110C3 Datasheet
397Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN DETACHABLE POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com