Electronic Components Datasheet Search
  English  ▼

X  

SW4535B Datasheet(PDF) 2 Page - TT Electronics.

Part # SW4535B
Description  UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 18VDC 18WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4535B Datasheet(HTML) 2 Page - TT Electronics.

  SW4535B Datasheet HTML 1Page - TT Electronics. SW4535B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© TT Electronics plc
ISS.3 23/06/2020 Page: 2
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
UNITED KINGDOM 3-PIN PLUG-IN
POWER SUPPLY 18VDC 18WATT
POWERPAX: SW4535B
Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com