Electronic Components Datasheet Search
  English  ▼

X  

SW4600-EU Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4600-EU
Description  EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5.1VDC 12.75WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4600-EU Datasheet(HTML) 1 Page - TT Electronics.

  SW4600-EU Datasheet HTML 1Page - TT Electronics. SW4600-EU Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STONTRONICS: SW4600-EU
© TT Electronics plc
ISS.3 04/11/2019 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
European Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
The Stontronics Range of Class II 12.75 watt AC/DC European plug-in power supplies provide 12.75 watts of continuous
power in a compact fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4600-EU
Input Voltage Range
90-264Vac
Input Frequency Range
50/60Hz ± 3Hz
Input Current Rated
0.5A Max.
Output Voltage Rating
+5.1V
Output Current Range
2.5A
Input current (no loading)
≤20mA
Output Connection Type
MICRO USB 5 PIN
Rating output power
12.75W
Line and Load Regulation
+/- 7%
Ripple & Noise
150mVp-p
Efficiency
80.34% Min
Short-Circuit Protection
The adapter shall not be damaged by short the DC output to
Ground. The adapter shall resume normal operation when a short
circuited fault condition is removed.
Over Current Protection
The output shall be protected against the over current conditions.
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Hi-Pot
3000Vac 5mA 1min
Leakage Current
Shall not exceed 0.25mA
Safety Standard
TUV, CE, UK.
EMC Standard
FCC part 15: Class B
EN55022, Class B
EN55024
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
MTBF
50K Hours
Size mm max.
85.5(L) x 43.8(W) x 31.7(H)
Weight
160g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4600-EU

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4600-INT TTELEC-SW4600-INT Datasheet
321Kb / 2P
INTERCHANGEABLE WALL PLUG POWER SUPPLY 5.1VDC 12.75WATT
25/06/2020
More results

Similar Description - SW4600-EU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2158H10C3 ETC2-2158H10C3 Datasheet
376Kb / 2P
CORDSET - EUROPEAN POWER SUPPLY CORD
2125H10C3 ETC2-2125H10C3 Datasheet
379Kb / 2P
CORDSET - EUROPEAN DETACHABLE POWER SUPPLY CORD
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
2116H10C3 ETC2-2116H10C3 Datasheet
384Kb / 2P
CORDSET - CONTINENTAL EUROPEAN POWER SUPPLY CORD
1780110C3 ETC2-1780110C3 Datasheet
397Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN DETACHABLE POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
VC-1034-21-180 ETC2-VC-1034-21-180 Datasheet
98Kb / 2P
CORDSET - EUROPEAN RUSSIAN DETACHABLE POWER SUPPLY CORD
VL-1024-21-150 ETC2-VL-1024-21-150 Datasheet
71Kb / 2P
CORDSET - EUROPEAN V-LOCK DETACHABLE POWER SUPPLY CORD
VL-1036-24-200 ETC2-VL-1036-24-200 Datasheet
76Kb / 2P
CORDSET - EUROPEAN V-LOCK DETACHABLE POWER SUPPLY CORD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com