Electronic Components Datasheet Search
  English  ▼

X  

OPA684 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA684
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA684 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA684 Datasheet HTML 8Page - Texas Instruments OPA684 Datasheet HTML 9Page - Texas Instruments OPA684 Datasheet HTML 10Page - Texas Instruments OPA684 Datasheet HTML 11Page - Texas Instruments OPA684 Datasheet HTML 12Page - Texas Instruments OPA684 Datasheet HTML 13Page - Texas Instruments OPA684 Datasheet HTML 14Page - Texas Instruments OPA684 Datasheet HTML 15Page - Texas Instruments OPA684 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
12
ADC DRIVER
Most
modern,
high-performance
analog-to-digital
converters (ADCs), such as Texas Instruments ADS522x
series, require a low-noise, low-distortion driver. The
OPA2694 combines low-voltage noise (2.1nV/√Hz) with
low harmonic distortion. Figure 3 shows an example of a
wideband, AC-coupled, 12-bit ADC driver.
One OPA2694 is used in the circuit of Figure 3 to form a
differential driver for the ADS5220. The OPA2694 offers
> 150MHz bandwidth at a differential gain of 5V/V, with a
2VPP output swing. A 2nd-order RLC filter is used in order to
limit the noise from the amplifier and provide some
attenuation for higher-frequency harmonic distortion.
WIDEBAND INVERTING SUMMING AMPLIFIER
Since the signal bandwidth for a current-feedback op amp
can be controlled independently of the noise gain (NG),
which is normally the same as the noninverting signal
gain), wideband inverting summing stages may be
implemented using the OPA2694. The circuit in Figure 4
shows an example inverting summing amplifier, where the
resistor values have been adjusted to maintain both
maximum bandwidth and input impedance matching. If
each RF signal is assumed to be driven from a 50Ω source,
the NG for this circuit will be (1 + 100Ω/(100Ω/5)) = 6. The
total feedback impedance (from VO to the inverting error
current) is the sum of RF + (RI • NG). where RI is the
impedance looking into the inverting input from the
summing junction (see the Setting Resistor Values to
Optimize Performance section). Using 100Ω feedback (to
get a signal gain of –2 from each input to the output pin)
requires an additional 30Ω in series with the inverting input
to increase the feedback impedance. With this resistor
added to the typical internal RI = 30Ω, the total feedback
impedance is 100Ω + (60Ω • 6) = 460Ω, which is equal to
the required value to get a maximum bandwidth flat
frequency response for NG = 6.
Single−to−Differential
Gain of 10
Power−supply decoupling not shown.
L
+5V
L
R1
R1
R2
R2
C
V
−
V+
12−Bit
40MSPS
ADS5220
500
Ω
−5V
0.1
μF
25
Ω
100
Ω
100
Ω
500
Ω
C1
C1
VI
50
Ω
1:2
25
Ω
VCM
1/2
OPA2694
1/2
OPA2694
Figure 3. Wideband, AC-Coupled, Low-Power ADC Driver
100
Ω
50
Ω
+5V
DIS
−5V
VO = −(V1 +V2 +V3 +V4 +V5)
100MHz,
−1dB Compression = 15dBm
50
Ω
V2
50
Ω
V3
50
Ω
V4
50
Ω
V1
50
Ω
RG−58
50
Ω
V5
30
Ω
1/2
OPA2694
Figure 4. 200MHz RF Summing Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com