Electronic Components Datasheet Search
  English  ▼

X  

OPA2613 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPA2613
Description  Dual, High Gain Bandwidth, High Output Current, Operational Amplifier with Current Limit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2613 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA2613 Datasheet HTML 20Page - Texas Instruments OPA2613 Datasheet HTML 21Page - Texas Instruments OPA2613 Datasheet HTML 22Page - Texas Instruments OPA2613 Datasheet HTML 23Page - Texas Instruments OPA2613 Datasheet HTML 24Page - Texas Instruments OPA2613 Datasheet HTML 25Page - Texas Instruments OPA2613 Datasheet HTML 26Page - Texas Instruments OPA2613 Datasheet HTML 27Page - Texas Instruments OPA2613 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
OPA2614
SBOS305D − JUNE 2004 − REVISED AUGUST 2008
www.ti.com
24
DIFFERENTIAL NOISE PERFORMANCE
Because the OPA2614 is used as a differential driver in
xDSL applications, it is important to analyze the noise in
such a configuration. Figure 18 shows the op amp noise
model for the differential configuration.
R
G
R
F
R
S
E
O
2
Driver
E
RS
E
N
I
N
I
N
√4kTR
S
√4kTR
F
√4kTR
F
R
F
R
S
E
RS
E
N
I
N
IN
√4kTR
S
√4kTR
G
Figure 18. Differential Op Amp Noise Analysis
Model
As a reminder, the differential gain is expressed as:
G
D
+ 1 )
2
R
F
R
G
The output noise can be expressed as shown below:
e
O +
2
G
D
2
e
N
2 ) i
N
R
S
2
) 4kTR
S
) 2 i
I
R
F
2
) 2 4kTR
F
G
D
Dividing this expression by the differential noise gain
(GD = (1 + 2RF/RG)) gives the equivalent input-referred
spot noise voltage at the noninverting input, as shown in
Equation 21.
e
i +
2
e
N
2 ) i
N
R
S
2
) 4kTR
S
) 2
i
IRF
G
D
2
) 2
4kTR
F
G
D
Evaluating these equations for the OPA2614 ADSL circuit
and component values of Figure 10 gives a total output
spot noise voltage of 23.3nV/
√Hz and a total equivalent
input spot noise voltage of 3.2nV/
√Hz.
In order to minimize the output noise due to the
noninverting input bias current noise, it is recommended to
keep the noninverting source impedance as low as
possible.
DC ACCURACY AND OFFSET CONTROL
The OPA2614 can provide excellent DC signal accuracy
due to its high open-loop gain, high common-mode
rejection, high power-supply rejection, and low input offset
voltage and bias current offset errors. To take full
advantage of the low input offset voltage (
±1.0mV
maximum at 25
°C), careful attention to input bias current
cancellation is also required. The high-speed input stage
for the OPA2614 has relatively high input bias current (6
µA
typical into the pins) but with a very close match between
the two input currents, typically 50nA input offset current.
The total output offset
voltage
may
be
reduced
considerably by matching the source impedances looking
out of the two inputs. For example, one way to add bias
current cancellation to the circuit of Figure 1 would be to
insert a 88
Ω series resistor into the noninverting input from
the 50
Ω terminating resistor. If the 50Ω source resistor is
DC-coupled, this will increase the source impedance for
the noninverting input bias current to 113
Ω. Since this is
now equal to the impedance looking out of the inverting
input (RF || RG), the circuit will cancel the bias current
effects, leaving only the offset current times the feedback
resistor as a residual DC error term at the output.
Evaluating the configuration of Figure 1 adding a 88
Ω in
series with the noninverting input pin, using worst-case
+25
°C input offset voltage and the two input bias currents,
gives a worst-case output offset range equal to:
VOFF =
± (NG × VOS(MAX)) ± (IOS × RF)
where NG = noninverting signal gain
=
± (4 × 1.0mV) ± (453Ω × 300nA)
=
±4.0mV ± 0.14mV
VOFF =
±4.14mV
THERMAL ANALYSIS
Due to the high output power capability of the OPA2614,
heat-sinking or forced airflow may be required under
extreme operating conditions. Maximum desired junction
temperature sets the maximum allowed internal power
dissipation as described below. In no case should the
maximum junction temperature be allowed to exceed
150
°C. Operating junction temperature (TJ) is given by
TA + PD
× qJA. The total internal power dissipation (PD) is
the sum of quiescent power (PDQ) and additional power
dissipation in the output stage (PDL) to deliver load power.
Quiescent power is the specified no-load supply current
times the total supply voltage across the part. PDL depends
(19)
(20)
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com