Electronic Components Datasheet Search
  English  ▼

X  

OPA137NA/3K Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA137NA/3K
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA137NA/3K Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA137NA/3K Datasheet HTML 5Page - Texas Instruments OPA137NA/3K Datasheet HTML 6Page - Texas Instruments OPA137NA/3K Datasheet HTML 7Page - Texas Instruments OPA137NA/3K Datasheet HTML 8Page - Texas Instruments OPA137NA/3K Datasheet HTML 9Page - Texas Instruments OPA137NA/3K Datasheet HTML 10Page - Texas Instruments OPA137NA/3K Datasheet HTML 11Page - Texas Instruments OPA137NA/3K Datasheet HTML 12Page - Texas Instruments OPA137NA/3K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
OPA137N/250
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-40 to 85
E37
OPA137N/3K
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 85
E37
OPA137N/3K.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
E37
OPA137NA/250
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-40 to 85
E37
OPA137NA/3K
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
E37
OPA137NA/3K.A
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
E37
OPA137U
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
OPA
137U
OPA137U.A
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
OPA
137U
OPA137UA
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
OPA
137U
A
OPA137UA.A
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
OPA
137U
A
OPA137UA/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-40 to 85
(137UA, OPA)
137U
A
OPA137UA/2K5.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
(137UA, OPA)
137U
A
OPA2137E/250
Obsolete
Production
VSSOP (DGK) | 8
-
-
Call TI
Call TI
-40 to 85
E37
OPA2137E/2K5
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
E37
OPA2137E/2K5.A
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
E37
OPA2137EA/250
Obsolete
Production
VSSOP (DGK) | 8
-
-
Call TI
Call TI
-
E37
OPA2137EA/2K5
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-
E37
OPA2137EA/2K5.A
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 85
E37
OPA2137P
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-
OPA2137P
OPA2137P.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
OPA2137P
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com