Electronic Components Datasheet Search
  English  ▼

X  

OPA404KP Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA404KP
Description  Quad High-Speed Precision Difet ® OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA404KP Datasheet(HTML) 2 Page - Texas Instruments

  OPA404KP Datasheet HTML 1Page - Texas Instruments OPA404KP Datasheet HTML 2Page - Texas Instruments OPA404KP Datasheet HTML 3Page - Texas Instruments OPA404KP Datasheet HTML 4Page - Texas Instruments OPA404KP Datasheet HTML 5Page - Texas Instruments OPA404KP Datasheet HTML 6Page - Texas Instruments OPA404KP Datasheet HTML 7Page - Texas Instruments OPA404KP Datasheet HTML 8Page - Texas Instruments OPA404KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
®
OPA404
SPECIFICATIONS
ELECTRICAL
At VCC = ±15VDC and TA = +25°C unless otherwise noted.
OPA404AG, KP, KU (1)
OPA404BG
OPA404SG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
NOISE
Voltage: fO = 10Hz
32
*
*
nV/
√Hz
fO = 100Hz
19
*
*
nV/
√Hz
fO = 1kHz
15
*
*
nV/
√Hz
fO = 10kHz
12
*
*
nV/
√Hz
fB = 10Hz to 10kHz
1.4
*
*
µVrms
fB = 0.1Hz to 10Hz
0.95
*
*
µVp-p
Current: fB = 0.1Hz to 10Hz
12
*
*
fA, p-p
fO = 0.1Hz thru 20kHz
0.6
*
*
fA/
√Hz
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0VDC
±260
±1mV
*
±750
*
*
µV
KP, KU
±750
±2.5mV
µV
Average Drift
TA = TMIN to TMAX
±3*
*
µV/°C
KP, KU
±5
µV/°C
Supply Rejection
±V
CC = 12V to 18V
80
100
86
*
*
*
dB
KP, KU
76
100
dB
Channel Separation
100Hz, RL = 2kΩ
125
*
*
dB
BIAS CURRENT
Input Bias Current
VCM = 0VDC
±1
±8*
±4*
*
pA
KP, KU
±1
±12
pA
OFFSET CURRENT
Input Offset Current
VCM = 0VDC
0.5
8
*
4
*
*
pA
KP, KU
0.5
12
pA
IMPEDANCE
Differential
1013 || 1
*
*
Ω || pF
Common-Mode
1014 || 3
*
*
Ω || pF
VOTAGE RANGE
Common-Mode Input Range
±10.5
+13, –11
*
*
*
*
V
Common-Mode Rejection
VIN = ±10VDC
88
100
92
*
*
*
dB
KP, KU
84
100
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
88
100
92
*
*
*
dB
FREQUENCY RESPONSE
Gain Bandwidth
Gain = 100
4
6.4
5
*
*
*
MHz
Full Power Response
20Vp-p, RL = 2kΩ
570
*
*
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
24
35
28
*
*
*
V/
µs
Settling Time: 0.1%
Gain = –1, RL = 2kΩ
0.6
*
*
µs
0.01%
CL = 100 pF, 10V Step
1.5
*
*
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±11.5 +13.2, –13.8
*
*
*
*
V
Current Output
VO = ±10VDC
±5
±10
*
*
*
*
mA
Output Resistance
1MHz, Open Loop
80
*
*
Ω
Load Capacitance Stability
Gain = +1
1000
*
*
pF
Short Circuit Current
±10
±27
±40
*
*
*
*
*
*
mA
POWER SUPPLY
Rated Voltage
±15
*
*
VDC
Voltage Range,
Derated Performance
±5
±18
*
*
*
*
VDC
Current, Quiescent
IO = 0mADC
9
10
*
*
*
*
mA
TEMPERATURE RANGE
Specification
Ambient Temperature
–25
+85
*
*
–55
+125
°C
KP, KU
0
+70
°C
Operating
Ambient Temperature
–55
+125
*
*
*
*
°C
KP, KU
–25
+85
°C
Storage
Ambient Temperature
–65
+150
*
*
*
*
°C
KP, KU
–40
+125
°C
θ Junction-Ambient
100
*
*
°C/W
KP, KU
120/100
°C/W
*Specifications same as OPA404AG.
NOTE: (1) OPA404KU may be marked OPA404U.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com