Electronic Components Datasheet Search
  English  ▼

X  

OPA4684 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA4684
Description  Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4684 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4684 Datasheet HTML 4Page - Texas Instruments OPA4684 Datasheet HTML 5Page - Texas Instruments OPA4684 Datasheet HTML 6Page - Texas Instruments OPA4684 Datasheet HTML 7Page - Texas Instruments OPA4684 Datasheet HTML 8Page - Texas Instruments OPA4684 Datasheet HTML 9Page - Texas Instruments OPA4684 Datasheet HTML 10Page - Texas Instruments OPA4684 Datasheet HTML 11Page - Texas Instruments OPA4684 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
OPA2694
SBOS320D − SEPTEMBER 2004 − REVISED APRIL 2013
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted
VIDEO DIFFERENTIAL GAIN/DIFFERNTIAL PHASE
(No Pulldown)
1
0.08
0.06
0.04
0.02
0
0.16
0.12
0.08
0.04
0
4
3
2
Video Loads
dP Positive Video
dG Negative Video
dP Negative Video
dG Positive Video
TYPICAL DC DRIFT
OVER TEMPERATURE
−50
−25
1.0
0.5
0
−0.5
−1.0
10
5
0
−5
−10
+125
+100
+75
+50
+25
0
Ambient Temperature (
_C)
Input Offset Voltage (VOS)
Left Scale
Noninverting Input Bias Current (IBN)
Right Scale
Inverting Input Bias Current (IBI)
Right Scale
OUTPUT VOLTAGE
AND CURRENT LIMITATIONS
−200
−100
4
3
2
1
0
−1
−2
−3
−4
200
0100
Output Current (mA)
RL =100Ω
RL =25Ω
RL =50Ω
1W Internal Power Limit
1W Internal Power Limit
Output
Current
Limit
Output
Current
Limit
SUPPLY AND OUTPUT CURRENT
vs TEMPERATURE
−50
−25
75.0
72.5
70.0
67.5
65.0
18
16
14
12
10
+125
+100
+75
+50
+25
0
Ambient Temperature (
_C)
Sinking, Sourcing Output Current
Left Scale
Supply Current
Right Scale
NONINVERTING
OVERDRIVE RECOVERY
8
4
0
−4
−8
4
2
0
−2
−4
Time (10ns/div)
RL =100Ω
G= +2V/V
Input
(Right Scale)
Output
(Left Scale)
See Figure 1
4
2
0
−2
−4
Time (10ns/div)
RL = 100Ω
G=
−1V/V
Input
Right Scale
Output
Left Scale
INVERTING
OVERDRIVE RECOVERY
4
2
0
−2
−4
See Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com