Electronic Components Datasheet Search
  English  ▼

X  

OPA4872ID Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA4872ID
Description  4:1 High-Speed Multiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4872ID Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA4872ID Datasheet HTML 16Page - Texas Instruments OPA4872ID Datasheet HTML 17Page - Texas Instruments OPA4872ID Datasheet HTML 18Page - Texas Instruments OPA4872ID Datasheet HTML 19Page - Texas Instruments OPA4872ID Datasheet HTML 20Page - Texas Instruments OPA4872ID Datasheet HTML 21Page - Texas Instruments OPA4872ID Datasheet HTML 22Page - Texas Instruments OPA4872ID Datasheet HTML 23Page - Texas Instruments OPA4872ID Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
OPA4872
SBOS346C
– JUNE 2007 – REVISED MARCH 2011
www.ti.com
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2008) to Revision C
Page
•
Changed the HBM ESD rating specification in Absolute Maximum Ratings table ............................................................... 2
Changes from Revision A (September 2007) to Revision B
Page
•
Changed storage temperature range rating in Absolute Maximum Ratings table from
–40°C to +125°C to –65°C to
+125
°C .................................................................................................................................................................................. 2
•
Changed 0V to 5V in third paragraph of Wideband Multiplexer Operation section ............................................................ 10
20
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA4872



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com