Electronic Components Datasheet Search
  English  ▼

X  

OPA656/7 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA656/7
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA656/7 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA656/7 Datasheet HTML 10Page - Texas Instruments OPA656/7 Datasheet HTML 11Page - Texas Instruments OPA656/7 Datasheet HTML 12Page - Texas Instruments OPA656/7 Datasheet HTML 13Page - Texas Instruments OPA656/7 Datasheet HTML 14Page - Texas Instruments OPA656/7 Datasheet HTML 15Page - Texas Instruments OPA656/7 Datasheet HTML 16Page - Texas Instruments OPA656/7 Datasheet HTML 17Page - Texas Instruments OPA656/7 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
14
BOARD LAYOUT
Minimize
photodiode
capacitance
and
stray
capacitance at the summing junction (inverting input).
This capacitance causes the voltage noise of the op
amp to be amplified (increasing amplification at high
frequency). Using a low-noise voltage source to
reverse-bias a photodiode can significantly reduce its
capacitance.
Smaller
photodiodes
have
lower
capacitance. Use optics to concentrate light on a small
photodiode.
Circuit board leakage can degrade the performance of
an otherwise well-designed amplifier. Clean the circuit
board carefully. A circuit board guard trace that
encircles the summing junction and is driven at the
same voltage can help control leakage, as shown in
Figure 11.
Guard Ring
R
F
V
OUT
OPA380
λ
Figure 11. Connection of Input Guard
OTHER WAYS TO MEASURE SMALL
CURRENTS
Logarithmic amplifiers are used to compress extremely
wide dynamic range input currents to a much narrower
range. Wide input dynamic ranges of 8 decades, or
100pA to 10mA, can be accommodated for input to a
12-bit ADC. (Suggested products: LOG101, LOG102,
LOG104, and LOG112.)
Extremely small currents can be accurately measured
by integrating currents on a capacitor.
(Suggested
product: IVC102.)
Low-level currents can be converted to high-resolution
data words. (Suggested product: DDC112.)
For further information on the range of products
available, search www.ti.com using the above specific
model names or by using keywords transimpedance
and logarithmic.
CAPACITIVE LOAD AND STABILITY
The OPA380 series op amps can drive up to 500pF pure
capacitive load. Increasing the gain enhances the
amplifier’s ability to drive greater capacitive loads (see
the
Typical
Characteristic
curve,
Small-Signal
Overshoot vs Capacitive Load).
One method of improving capacitive load drive in the
unity-gain configuration is to insert a 10
Ω to 20Ω
resistor in series with the load. This reduces ringing with
large capacitive loads while maintaining DC accuracy.
DRIVING FAST 16-BIT ANALOG-TO-DIGITAL
CONVERTERS (ADC)
The OPA380 series is optimized for driving a fast 16-bit
ADC such as the ADS8411. The OPA380 op amp
buffers the converter’s input capacitance and resulting
charge injection while providing signal gain. Figure 12
shows the OPA380 in a single-ended method of
interfacing the ADS8411 16-bit, 2MSPS ADC. For
additional information, refer to the ADS8411 data sheet.
OPA380
R
F
15
Ω
6800pF
ADS8411
C
F
RC Values shown are optimized for the
ADS8411
 values may vary for other ADCs.
Figure 12. Driving 16-Bit ADCs
OPA380
R
F
R
1
(Provides high−speed amplification
with very low offset and drift.)
V
OUT
C
F
V
IN
Figure 13. OPA380 Inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com