Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA657
Description  OPA657-DIE 1.6-GHz, Low-Noise, FET-Input Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA657 Datasheet(HTML) 2 Page - Texas Instruments

  OPA657 Datasheet HTML 1Page - Texas Instruments OPA657 Datasheet HTML 2Page - Texas Instruments OPA657 Datasheet HTML 3Page - Texas Instruments OPA657 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
OPA657-DIE
SBOS787 – AUGUST 2016
www.ti.com
Product Folder Links: OPA657-DIE
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
4 Bare Die Information
DIE THICKNESS
BACKSIDE FINISH
BACKSIDE
POTENTIAL
BOND PAD
METALLIZATION COMPOSITION
BOND PAD
THICKNESS
15 mils.
Silicon with backgrind
VS-
TiW/AlCu (0.5%)
1100 nm
(1)
Substrate is VS–.
Bond Pad Coordinates in Microns(1)
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
Inverting input
1
27
623
127
723
NonInverting input
2
27
53
127
153
N/C
3
181
53
281
153
Output
4
723
27
823
127
VS–
5
723
337
823
439
VS+
6
723
649
823
749
N/C
7
181
623
281
723



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com