Electronic Components Datasheet Search
  English  ▼

X  

LOG114 Datasheet(PDF) 15 Page - Texas Instruments

Part # LOG114
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LOG114 Datasheet HTML 11Page - Texas Instruments LOG114 Datasheet HTML 12Page - Texas Instruments LOG114 Datasheet HTML 13Page - Texas Instruments LOG114 Datasheet HTML 14Page - Texas Instruments LOG114 Datasheet HTML 15Page - Texas Instruments LOG114 Datasheet HTML 16Page - Texas Instruments LOG114 Datasheet HTML 17Page - Texas Instruments LOG114 Datasheet HTML 18Page - Texas Instruments LOG114 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
OPA2380AIDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdauag
Level-2-260C-1 YEAR
-40 to 125
BBX
OPA2380AIDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 125
BBX
OPA2380AIDGKT
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI | Nipdauag
Level-2-260C-1 YEAR
-40 to 125
BBX
OPA2380AIDGKT.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 125
BBX
OPA2380AIDGKTG4
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 125
BBX
OPA380AID
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OPA
380A
OPA380AID.B
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OPA
380A
OPA380AIDG4
Active
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OPA
380A
OPA380AIDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI | Sn | Nipdauag Level-2-260C-1 YEAR
-40 to 125
AUN
OPA380AIDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 125
AUN
OPA380AIDGKT
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI | Sn | Nipdauag Level-2-260C-1 YEAR
-40 to 125
AUN
OPA380AIDGKT.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 125
AUN
OPA380AIDGKTG4
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-40 to 125
AUN
OPA380AIDR
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OPA
380A
OPA380AIDR.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OPA
380A
OPA380AIDRG4
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
OPA
380A
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com