Electronic Components Datasheet Search
  English  ▼

X  

IVC102 Datasheet(PDF) 6 Page - Texas Instruments

Part # IVC102
Description  Precision, High-Speed Transimpedance Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

IVC102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button IVC102 Datasheet HTML 2Page - Texas Instruments IVC102 Datasheet HTML 3Page - Texas Instruments IVC102 Datasheet HTML 4Page - Texas Instruments IVC102 Datasheet HTML 5Page - Texas Instruments IVC102 Datasheet HTML 6Page - Texas Instruments IVC102 Datasheet HTML 7Page - Texas Instruments IVC102 Datasheet HTML 8Page - Texas Instruments IVC102 Datasheet HTML 9Page - Texas Instruments IVC102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
OPA380
OPA2380
SBOS291G − NOVEMBER 2003 − REVISED SEPTEMBER 2007
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
All specifications at TA = +25°C, RL = 2kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
25
20
15
10
5
0
−5
−10
−15
−20
−25
INPUT BIAS CURRENT
vs INPUT COMMON−MODE VOLTAGE
Input Common−Mode Voltage (V)
−I
B
+I
B
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
+125
_C
+25
_C −40_C
50
100
150
0
(V+)
(V+)
−1
(V+)
−2
(V
−)+2
(V
−)+1
(V
−)
Output Current (mA)
−40
100
125
−25
0
255075
SHORT−CIRCUIT CURRENT vs TEMPERATURE
200
150
100
50
0
−50
−100
−150
Temperature (
_C)
V
S =5V
+I
SC
−I
SC
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
−25 −20 −15 −10 −5
0
5
10152025
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
−0.10 −0.08 −0.06 −0.04 −0.02
0
0.020.040.060.08
0.1
GAIN BANDWIDTH vs POWER SUPPLY VOLTAGE
3.5
4.5
5.5
2.5
95
90
85
80
75
70
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com