Electronic Components Datasheet Search
  English  ▼

X  

OPA832 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA832
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA832 Datasheet(HTML) 2 Page - Texas Instruments

  OPA832 Datasheet HTML 1Page - Texas Instruments OPA832 Datasheet HTML 2Page - Texas Instruments OPA832 Datasheet HTML 3Page - Texas Instruments OPA832 Datasheet HTML 4Page - Texas Instruments OPA832 Datasheet HTML 5Page - Texas Instruments OPA832 Datasheet HTML 6Page - Texas Instruments OPA832 Datasheet HTML 7Page - Texas Instruments OPA832 Datasheet HTML 8Page - Texas Instruments OPA832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply
+12VDC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation
See Thermal Analysis
. . . . . . . . . . . . . .
Differential Input Voltage(2)
±1.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage Range (Single Supply)
−0.5V to +VS + 0.3V
. . . . . . .
Storage Temperature Range: D, DBV
−65
°C to +125°C
. . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)
2000V
. . . . . . . . . . . . . . . . . . . . . . .
Charge Device Model (CDM)
1500V
. . . . . . . . . . . . . . . . . . . . .
Machine Model (MM)
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Noninverting input to internal inverting node.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
OPA832
SO-8 Surface-Mount
D
−40
°C to +85°C
OPA832
OPA832ID
Rails, 100
″
″
″
″
″
OPA832IDR
Tape and Reel, 2500
OPA832
SOT23-5
DBV
−40
°C to +85°C
A74
OPA832IDBVT
Tape and Reel, 250
″
″
″
″
″
OPA832IDBVR
Tape and Reel, 3000
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PIN CONFIGURATIONS
1
2
3
5
4
Output
−V
S
Noninverting Input
+V
S
Inverting Input
A74
Pin Orientation/Package Marking
SOT23−5
400
Ω
400
Ω
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
−V
S
NC
+V
S
Output
NC
SO−8
NC = No Connection
400
Ω
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com