Electronic Components Datasheet Search
  English  ▼

X  

OPA832IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA832IDBVT
Description  Low-Power, Single-Supply, Fixed-Gain Video Buffer Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA832IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA832IDBVT Datasheet HTML 3Page - Texas Instruments OPA832IDBVT Datasheet HTML 4Page - Texas Instruments OPA832IDBVT Datasheet HTML 5Page - Texas Instruments OPA832IDBVT Datasheet HTML 6Page - Texas Instruments OPA832IDBVT Datasheet HTML 7Page - Texas Instruments OPA832IDBVT Datasheet HTML 8Page - Texas Instruments OPA832IDBVT Datasheet HTML 9Page - Texas Instruments OPA832IDBVT Datasheet HTML 10Page - Texas Instruments OPA832IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OPA832
SBOS266E − JUNE 2003 − REVISED AUGUST 2008
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = 25°C, G = +2, and RL = 150Ω to GND, unless otherwise noted (see Figure 3).
−40
−50
−60
−70
−80
−90
HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
1k
G= +2V/V
V
O =2VPP
f=5MHz
3rd−Harmonic
2nd−Harmonic
−40
−50
−60
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
3rd−Harmonic
2nd−Harmonic
G= +2V/V
R
L = 500Ω
V
O =2VPP
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
−160 −120
−80
−40
0
40
80
120
160
1W In ternal
Pow er Limit
Output
C urrent Limit
Output
Current Lim it
1W Internal
P ower Limit
R
L =500Ω
R
L =100Ω
R
L =50Ω
−50
−60
−70
−80
−90
−100
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Swing (V
PP)
0
1
2
3
4
5
6789
10
3rd−Harmonic
G= +2V/V
R
L = 500Ω
f=5MHz
2nd−Harmonic
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
TWO−TONE, 3RD−ORDER
INTERMODULATION SPURIOUS
Single−Tone Load Power (2dBm/div)
−26
−22
−18
−14
−10
−6
−22
6
10MHz
5MHz
20MHz
400
Ω
P
I
P
O
50
Ω
500
Ω
400
Ω
OPA832
5
4
3
2
1
0
−1
−2
−3
−4
−5
OUTPUT SWING vs LOAD RESISTANCE
R
L (Ω )
10
100
1k
G= +2V/V
V
S = ± 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com