Electronic Components Datasheet Search
  English  ▼

X  

OPA342 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA342
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA342 Datasheet(HTML) 4 Page - Texas Instruments

  OPA342 Datasheet HTML 1Page - Texas Instruments OPA342 Datasheet HTML 2Page - Texas Instruments OPA342 Datasheet HTML 3Page - Texas Instruments OPA342 Datasheet HTML 4Page - Texas Instruments OPA342 Datasheet HTML 5Page - Texas Instruments OPA342 Datasheet HTML 6Page - Texas Instruments OPA342 Datasheet HTML 7Page - Texas Instruments OPA342 Datasheet HTML 8Page - Texas Instruments OPA342 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OPA342, 2342, 4342
4
SBOS106A
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
POWER SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
100
80
60
40
20
10
+PSRR
CMRR
–PSRR
CHANNEL SEPARATION vs FREQUENCY
100
Frequency (Hz)
1k
10k
100k
1M
140
120
100
80
60
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
10000
1000
100
10
100
10
1
0.1
V
N
I
N
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
20
Frequency (Hz)
100
1k
10k
20k
1
0.1
0.010
0.001
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
1
0
30
60
90
120
150
180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
Gain
Phase
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10k
Frequency (Hz)
100k
1M
6
5
4
3
2
1
0
V
S = +2.7V
V
S = +5.5V
V
S = +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com