Electronic Components Datasheet Search
  English  ▼

X  

PCM1602APT.B Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1602APT.B
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1602APT.B Datasheet(HTML) 3 Page - Texas Instruments

  PCM1602APT.B Datasheet HTML 1Page - Texas Instruments PCM1602APT.B Datasheet HTML 2Page - Texas Instruments PCM1602APT.B Datasheet HTML 3Page - Texas Instruments PCM1602APT.B Datasheet HTML 4Page - Texas Instruments PCM1602APT.B Datasheet HTML 5Page - Texas Instruments PCM1602APT.B Datasheet HTML 6Page - Texas Instruments PCM1602APT.B Datasheet HTML 7Page - Texas Instruments PCM1602APT.B Datasheet HTML 8Page - Texas Instruments PCM1602APT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, system clock = 384 fS (fS = 44.1 kHz), and 24-bit data, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT
Audio data interface formats
Standard, I2S, left-justified
Audio data bit length
16-, 18-, 20-, 24-bit, selectable
Audio data format
MSB-first, binary 2s complement
VOUT1, VOUT2
5
200
fS
Sampling frequency
kHz
VOUT3, VOUT4, VOUT5, VOUT6
5
100
128 fS, 192 fS, 256 fS,
System clock frequency
384 fS, 512 fS, 768 fS
DIGITAL INPUT/OUTPUT
Logic family
TTL-compatible
VIH
2
Input logic level
Vdc
VIL
0.8
IIH
(1)
VIN = VDD
10
IIL
(1)
VIN = 0 V
–10
Input logic current
mA
IIH
(2)
VIN = VDD
65
100
IIL
(2)
VIN = 0 V
–10
VOH
IOH = –4 mA
2.4
Output logic level
Vdc
VOL
IOL = 4 mA
1
DYNAMIC PERFORMANCE(3)(4)
VOUT = 0 dB, fS = 44.1 kHz
0.002%
0.007%
VOUT = 0 dB, fS = 96 kHz
0.004%
VOUT = 0 dB, fS = 192 kHz
0.005%
THD+N
Total harmonic distortion + noise
VOUT = –60 dB, fS = 44.1 kHz
0.7%
VOUT = –60 dB, fS = 96 kHz
0.9%
VOUT = –60 dB, fS = 192 kHz
1%
EIAJ, A-weighted, fS = 44.1 kHz
99
105
Dynamic range
A-weighted, fS = 96 kHz
103
dB
A-weighted, fS = 192 kHz
102
EIAJ, A-weighted, fS = 44.1 kHz
99
105
SNR
Signal-to-noise ratio
A-weighted, fS = 96 kHz
103
dB
A-weighted, fS = 192 kHz
102
fS = 44.1 kHz
96
103
Channel separation
fS = 96 kHz
101
dB
fS = 192 kHz
100
Level linearity error
VOUT = –90 dB
±0.5
dB
DC ACCURACY
Gain error
±1
±6
% of FSR
Gain mismatch, channel-to-channel
±1
±3
% of FSR
Bipolar zero error
VOUT = 0.5 VCC at bipolar zero
±30
±60
mV
(1)
Pins 38, 40, 41, 45–47 (SCKI, BCK, LRCK, DATA1, DATA2, DATA3)
(2)
Pins 34–37 (MDI, MC, ML, RST)
(3)
Analog performance specifications are tested using a System Two™ Cascade audio measurement system by Audio Precision™ in the
averaging mode. The load connected to the analog output is 5 k
Ω or larger, via capacitive loading.
(4)
Conditions in 192-kHz operation are: system clock = 128 fS, DAC3 through DAC6 disabled in register 8, and oversampling rate = 64 fS
in register 12.
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com