Electronic Components Datasheet Search
  English  ▼

X  

PCM1680DBQ Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1680DBQ
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1680DBQ Datasheet(HTML) 2 Page - Texas Instruments

  PCM1680DBQ Datasheet HTML 1Page - Texas Instruments PCM1680DBQ Datasheet HTML 2Page - Texas Instruments PCM1680DBQ Datasheet HTML 3Page - Texas Instruments PCM1680DBQ Datasheet HTML 4Page - Texas Instruments PCM1680DBQ Datasheet HTML 5Page - Texas Instruments PCM1680DBQ Datasheet HTML 6Page - Texas Instruments PCM1680DBQ Datasheet HTML 7Page - Texas Instruments PCM1680DBQ Datasheet HTML 8Page - Texas Instruments PCM1680DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
PCM1680
SLES133B – MARCH 2005 – REVISED OCTOBER 2008.................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can
range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
Over operating free-air temperature range, unless otherwise noted.
PCM1680
UNIT
Supply voltage: VCC1, VCC2, VDD
–0.3 to 6.5
V
Supply voltage differences: VCC1, VCC2, VDD
±0.1
V
Ground voltage differences: AGND1, AGND2, DGND
±0.1
V
Input voltage to digital pins
–0.3 to VDD + 0.3, < 6.5
V
Input voltage to analog pins
–0.3 to VCC + 0.3, < 6.5
V
Input current (all pins except supplies)
±10
mA
Operating temperature
–40 to +110
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Lead temperature (soldering, 5 seconds)
+260
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Over operating free-air temperature range.
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC1, VCC2
4.75
5
5.25
V
Digital supply voltage, VDD
4.75
5
5.25
V
Digital input logic family
TTL
System clock
8.192
36.864
MHz
Digital input clock frequency
Sampling clock
32
192
kHz
Analog output load resistance
5
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
+70
°C
All specifications at TA = +25°C, VCC = VDD = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT
Audio data interface format
Right-justified, I2S, left-justified
Audio data bit length
16-, 18-, 20-, or 24-bits, selectable
Audio data format
MSB-first, twos complement
fS
Sampling frequency
5
200
kHz
128, 192, 256, 384,
System clock frequency
512, 768, 1152 fS
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com