Electronic Components Datasheet Search
  English  ▼

X  

OPA137NA/3K Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA137NA/3K
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA137NA/3K Datasheet(HTML) 2 Page - Texas Instruments

  OPA137NA/3K Datasheet HTML 1Page - Texas Instruments OPA137NA/3K Datasheet HTML 2Page - Texas Instruments OPA137NA/3K Datasheet HTML 3Page - Texas Instruments OPA137NA/3K Datasheet HTML 4Page - Texas Instruments OPA137NA/3K Datasheet HTML 5Page - Texas Instruments OPA137NA/3K Datasheet HTML 6Page - Texas Instruments OPA137NA/3K Datasheet HTML 7Page - Texas Instruments OPA137NA/3K Datasheet HTML 8Page - Texas Instruments OPA137NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OPA343, 2343, 4343
2
SBOS090A
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V
±2
±8mV
vs Temperature
dVOS/dT
±3
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V, VCM = 0V
40
200
µV/V
Over Temperature
VS = 2.7V to 5.5V, VCM = 0V
200
µV/V
Channel Separation, dc
0.2
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.2
±10
pA
Over Temperature
±60
pA
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise, f = 0.1 to 50kHz
8
µVrms
Input Voltage Noise Density, f = 1kHz
en
25
nV/
√Hz
Current Noise Density, f = 1kHz
in
3
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.3
(V+) + 0.3
V
Common-Mode Rejection Ratio
CMRR
–0.3V < VCM < (V+) – 1.8V
74
92
dB
VS = 5V, –0.3V < VCM < 5.3V
60
75
dB
VS = 2.7V, –0.3V < VCM < 3V
54
70
dB
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, 5mV < VO < (V+) – 5mV
100
120
dB
Over Temperature
RL = 100kΩ, 5mV < VO < (V+) – 5mV
100
dB
RL = 10kΩ, 50mV < VO < (V+) – 50mV
100
117
dB
Over Temperature
RL = 10kΩ, 50mV < VO < (V+) – 50mV
100
dB
RL = 2kΩ, 200mV < VO < (V+) – 200mV
92
110
dB
Over Temperature
RL = 2kΩ, 200mV < VO < (V+) – 200mV
92
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
G = 1
5.5
MHz
Slew Rate
SR
VS = 5V, G = 1, CL = 100pF
6
V/
µs
Settling Time, 0.1%
VS = 5V, 2V Step, CL = 100pF
1
µs
0.01%
VS = 5V, 2V Step, CL = 100pF
1.6
µs
Overload Recovery Time
VIN • G = VS
0.2
µs
Total Harmonic Distortion + Noise
THD+N
VS = 5V, VO = 3Vp-p(2), G = 1, f = 1kHz
0.0007
%
OUTPUT
Voltage Output Swing from Rail(3)
RL = 100kΩ, AOL ≥ 100dB
1
5
mV
Over Temperature
RL = 100kΩ, AOL ≥ 100dB
5
mV
RL = 10kΩ, AOL ≥ 100dB
10
50
mV
Over Temperature
RL = 10kΩ, AOL ≥ 100dB
50
mV
RL = 2kΩ, AOL ≥ 92dB
40
200
mV
Over Temperature
RL = 2kΩ, AOL ≥ 92dB
200
mV
Short-Circuit Current
ISC
±50
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
2.7
5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0, VS = +5V
0.85
1.25
mA
Over Temperature
IO = 0, VS = +5V
1.4
mA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
SOT-23-5 Surface Mount
200
°C/W
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
SSOP-16 Surface Mount
100
°C/W
SO-14 Surface Mount
100
°C/W
TSSOP-14 Surface Mount
125
°C/W
NOTES: (1) VS = +5V. (2) VOUT = 0.25V to 3.25V. (3) Output voltage swings are measured between the output and power supply rails.
OPA343NA, UA
OPA2343EA, UA
OPA4343EA, UA, NA
SPECIFICATIONS: VS = 2.7V to 5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C. VS = 5V.
At TA = +25°C, RL = 10kΩ connected to VS /2 and VOUT = VS /2, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com