Electronic Components Datasheet Search
  English  ▼

X  

2802 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2802
Description  USB to 8-Port RS-422, RS-485 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2802 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2802 Datasheet HTML 1Page - Sealevel Systems, Inc. 2802 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 8-Port RS-422, RS-485 DB9 Serial Interface
Adapter
The SeaLINK® 2802 USB serial I/O adapter provides eight RS-422 or RS-485 serial ports for USB connectivity to legacy or non-USB
compliant devices. Each serial port can be individually configured via dipswitches located inside the enclosure.
The 2802 is housed in a rugged metal enclosure making it ideal for rugged and industrial environments. The adapter integrates
Sealevel’s SeaLATCH locking USB port, which is fully compatible with standard USB cables. When used with the included USB cable
with a locking type B connector, the metal thumbscrew provides a secure connection to the device and prevents accidental cable
disconnection. Additionally, the high-retention type B connector helps prevent unintentional separation from a standard USB cable.
Sealevel SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows and Linux
operating systems. After installing the software, simply plug the 2802 into an available USB port. The serial ports are recognized as
standard COM ports by the host system enabling compatibility with legacy software.
All Sealevel SeaLINK USB serial adapters use a state-machine architecture that greatly reduces the host computer’s overhead when
communicating over multiple serial ports simultaneously while supporting data rates to 460.8K bps. Status LEDs on the front of the
enclosure indicate power and serial data activity on each port.
Standard operating temperature range is 0°C to 70°C and extended temperature range (-40°C to 85°C) is optional.
Do you know that adapter design can impact your application? Find out how in this USB Serial Performance report.
Part: 2802 | Model: SeaLINK+8/485
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 2802

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2802 VCC-2802 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
logo
Abbatron All Rights Res...
2802 ABBATRON-2802 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
MH Connectors, All Righ...
2802-0001-04 MH-2802-0001-04 Datasheet
54Kb / 1P
MH CONNECTORS LTD.
logo
List of Unclassifed Man...
28020 ETC2-28020 Datasheet
83Kb / 4P
For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
2802020000 ETC2-2802020000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 2802

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
104-COM-8S ADL-104-COM-8S Datasheet
290Kb / 2P
8-port RS-422/485
logo
Advantech Co., Ltd.
PCM-24D2R4 ADVANTECH-PCM-24D2R4_15 Datasheet
416Kb / 1P
2-Port Isolated RS-422/485 mPCIe, DB9
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB-COMI-TB COOLGEAR-USB-COMI-TB Datasheet
51Kb / 1P
Single Port USB to RS-422 485 Hi-Speed Industrial Adapter
7/17/2015
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com