Electronic Components Datasheet Search
  English  ▼

X  

2804 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2804
Description  USB to 8-Port RS-232 RJ45 Serial Interface Adapter, Bus-Powered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2804 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2804 Datasheet HTML 1Page - Sealevel Systems, Inc. 2804 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 8-Port RS-232 RJ45 Serial Interface Adapter,
Bus-Powered
The SeaLINK® 2804 8-port USB to serial adapter offers an easy way to connect multiple serial devices via a single USB port. The
2804 uses a state-machine architecture that greatly reduces the host computer’s overhead when communicating over multiple ports
simultaneously. RS-232 data rates up to 921.6K bps are supported. The 2804 is housed in a rugged, attractive plastic enclosure with
a high-retention USB type B connector that prevents accidental disconnection of the included USB cable.
Sealevel’s SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows and Linux
operating systems. After installing the software, the serial ports appear as standard COM ports to the host system enabling
compatibility with legacy software.
The 2804 is USB bus-powered, so no external power supply is required. For conveniently powering serial peripherals, ordering
options allow an external power source to be connected to a DC jack on the rear of the unit. The supplied power is fused and
connected to pin 5 on each of the eight RJ45 connectors. Select the appropriate configuration option for your application. Optional
power supplies are available under the Accessories tab.
Do you know that adapter design can impact your application? Find out how in this USB Serial performance report.
Part: 2804 | Model: SeaLINK+8/232.RJ
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 2804

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
logo
Emcore Corporation
2804 EMCORE-2804 Datasheet
288Kb / 2P
110 Channel CATV Professional Distribution System (PDS)
logo
Heyco.
2804 HEYCO-2804 Datasheet
102Kb / 1P
Shorty Bushings
2804 HEYCO-2804 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Abbatron All Rights Res...
2804 ABBATRON-2804 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 2804

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COM COOLGEAR-USB-8COM Datasheet
122Kb / 2P
8-Port RS-232 USB to Serial Adapter Data Control Box
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USBG-232FT-1 COOLGEAR-USBG-232FT-1 Datasheet
133Kb / 2P
Dual Port RS-232 USB-to-Serial Plugin Adapter
logo
Advantech Co., Ltd.
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
logo
Coolgear Inc.
USB2-4COM-M-CBL COOLGEAR-USB2-4COM-M-CBL Datasheet
156Kb / 1P
4-Port RS-232 USB to Serial Adapter Octopus Cable DIN Rail
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com