Electronic Components Datasheet Search
  English  ▼

X  

2807 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2807
Description  USB to 8-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter, Bus-Powered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2807 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2807 Datasheet HTML 1Page - Sealevel Systems, Inc. 2807 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 8-Port RS-232, RS-485 RJ45 VersaCom Serial
Interface Adapter, Bus-Powered
The SeaLINK® 2807 8-port USB to serial adapter offers an easy way to connect multiple RS-232 or RS-485 devices via a single USB
port. With the unique VersaCom multi-interface connector design included on the 2807, both RS-232 and two-wire RS-485 signals
are always present and active on the RJ45 serial connectors. Simply select the appropriate pin out for RS-232 or two-wire RS-485 on
each individual port. There is never a need to open the enclosure to set internal jumpers or switches, so field installation and service
is easy. Status LEDs display transmit and receive data activity.
Sealevel’s SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows and Linux
operating systems. After installing the software, the serial ports appear as standard COM ports to the host system enabling
compatibility with legacy software. The 2807 uses a state machine architecture that greatly reduces the host computer’s overhead
when communicating over multiple ports simultaneously. Data rates up to 921.6K bps are supported.
The 2807 is USB bus-powered, so no external power supply is required. For conveniently powering serial peripherals, ordering
options allow an external power source to be connected to a DC jack on the rear of the unit. The supplied power is fused and
connected to pin 5 on each of the eight RJ45 connectors. Select the appropriate configuration option for your application. Optional
power supplies are available under the Accessories tab.
To further simplify connecting to VersaCom RJ45 connectors, Sealevel offers a number of accessories including RJ45 modular
adapters. With these helpful adapters you can easily connect to serial ports on virtually any computer, PLC, or peripheral regardless
of the device’s serial connector type or gender. For more information please browse our full line of adapters and converters.
Do you know that adapter design can impact your application? Find out how in this USB Serial performance report.
Part: 2807 | Model: SeaLINK+8.VC
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 2807

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2807 KR-2807 Datasheet
371Kb / 2P
60 MHz surface mount bandpass filter
logo
Emcore Corporation
2807 EMCORE-2807 Datasheet
378Kb / 2P
Mini-Node CATV Optical Receiver
logo
Heyco.
2807 HEYCO-2807 Datasheet
102Kb / 1P
Shorty Bushings
logo
KR Electronics, Inc.
2807-1 KR-2807-1 Datasheet
53Kb / 3P
60 MHz Center Frequency
logo
TE Connectivity Ltd
280702 TEC-280702 Datasheet
145Kb / 4P
AMPMODU* Mod.I Interconnection System, Receptacle Contact
Rev. A3
More results

Similar Description - 2807

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Advantech Co., Ltd.
RS-232 ADVANTECH-RS-232 Datasheet
441Kb / 2P
Port Powered RS-232/485 Converters
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
RS-232/485 Serial Interface
logo
IOGEAR
GUC232A IOGEAR-GUC232A Datasheet
134Kb / 2P
USB to Serial RS-232 Adapter
logo
Coolgear Inc.
USB-32COM-RM COOLGEAR-USB-32COM-RM Datasheet
98Kb / 1P
32 Port RS-232 USB-to-Serial Adapter
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
logo
Advantech Co., Ltd.
BB-485BAT3 ADVANTECH-BB-485BAT3 Datasheet
351Kb / 2P
Battery Powered RS-232 to RS-485 Serial Converter
ULI-226D ADVANTECH-ULI-226D Datasheet
508Kb / 3P
RS-232 to RS-485 Port-powered Converters
24-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com