Electronic Components Datasheet Search
  English  ▼

X  

2823 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 2823
Description  USB to 8-Port RS-232, RS-422, RS-485 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2823 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  2823 Datasheet HTML 1Page - Sealevel Systems, Inc. 2823 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 8-Port RS-232, RS-422, RS-485 (Software Configurable) DB9 Serial Interface Adapter
Part: 2823 | Model: SeaLINK+8.SC
Features
• Compliant with RoHS and WEEE directives
• Each port individually software configurable for RS-232, RS-422, or
RS-485
• Electrical interface settings are maintained across multiple computers
• High-speed UART with 128-byte Tx FIFO and 384-byte Rx FIFO
• Supports data rates to 921.6K bps
• Automatic RS-485 enable/disable
• Sealevel’s SeaLATCH locking USB port provides secure connection with
SeaLATCH USB cables via metal thumbscrews
• SeaLATCH USB ports are fully compatible with standard USB cables
• Status LEDs display electrical interface selection and serial data activity
for each port
• Power LED displays connection to host
• Powered by USB connection
• High-retention USB type B connector prevents accidental disconnection
of standard USB cable
• Eight DB9M connectors with full modem control signals implemented
in RS-232 mode
• Sealevel SeaCOM software supports Microsoft Windows operating
systems
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)
Specifications
Family
SeaLINK
Communications Chip
USB/UART
Dimensions
9.2” (L) x 5.3” (W) x 2.4” (H)
Electrical Interface
RS-232, RS-422, RS-485
High Retention USB
Yes
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
50 feet (RS-232)4000 feet (RS-485)
Max Data Rate
921.6K bps
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
8
Power Requirement
+5V @ 500mA
RoHS Compliant
Yes
SeaLATCH Locking
USB
Yes
Serial Connector(s)
DB9M
Software Configurable
Yes
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
USB Powered
Yes
USB Specification
1.1 Compliant2.0 Compatible
sealevel.com
+1 864.843.4343
SL9398-E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com