Electronic Components Datasheet Search
  English  ▼

X  

2833 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2833
Description  USB to 8-Port RS-232, RS-422, RS-485 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2833 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2833 Datasheet HTML 1Page - Sealevel Systems, Inc. 2833 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 8-Port RS-232, RS-422, RS-485
(Software Configurable) DB9 Serial Interface Adapter
The SeaLINK® 2833 USB to serial interface adapter provides eight serial ports that are software configurable for RS-232, RS-422, or
RS-485, eliminating the need to open the enclosure to change jumper settings or dipswitches. The device maintains the electrical
interface settings locally, allowing the host computer to be repaired or upgraded without reconfiguring the serial ports. Additionally,
the 2833 can be configured at one computer and deployed to other computers.
Sealevel SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows operating
systems. After installing the software, simply plug the 2833 into an available USB port and the serial ports are recognized as
standard COM ports by the host system enabling compatibility with legacy software. All Sealevel SeaLINK USB serial adapters use
a state-machine architecture that greatly reduces the host computer’s overhead when communicating over multiple serial ports
simultaneously while supporting data rates to 921.6K bps. Status LEDs on the front of the enclosure indicate power, serial data
activity, and electrical interface.
The 2833 is housed in a rugged metal enclosure and includes two convenient USB 1.1 hub ports for easily connecting additional
SeaLINK devices and other standard USB peripherals. The adapter integrates Sealevel’s SeaLATCH locking USB ports, which are
fully compatible with standard USB cables. When used with the included USB cable with a locking type B connector, the metal
thumbscrew provides a secure connection to the device and prevents accidental cable disconnection. Also, the highly-retentive type
B connector helps prevent unintentional separation from a standard USB cable. Both USB hub ports can be secured using optional
SeaLATCH USB cables.
An industrial-grade wall-mount power supply with a locking DC connector that outputs 5VDC @ 6A is included. The input power
is connected to pin 9 on each of the DB9 connectors for conveniently powering common 5V serial peripherals such as bar-code
scanners, receipt printers, and signature input devices. Each serial port can provide up to 500mA to connected serial peripherals.
Standard operating temperature range is 0°C to +70°C and extended temperature range (-40°C to 85°C) is optional. The 2833 is fully
compatible with the popular SeaI/O and Relio R1000 footprint, making it ideal for rugged and industrial environments.
Do you know that adapter design can impact your application? Find out how in this USB Serial Performance report.
Part: 2833 | Model: SeaLINK+8M.SC
W ORLD CLA S S. AMERICAN MADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 2833

ManufacturerPart #DatasheetDescription
logo
Heyco.
2833 HEYCO-2833 Datasheet
102Kb / 1P
Shorty Bushings
logo
M/A-COM Technology Solu...
28330-DSH-002-A MA-COM-28330-DSH-002-A Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
28330-DSH-002-A MA-COM-28330-DSH-002-A_15 Datasheet
897Kb / 101P
DS3/E3 Framer with 52 Mbps HDLC Controller
28330-LTB-001-A MA-COM-28330-LTB-001-A Datasheet
17Kb / 2P
CN8330EPJD/EPFD
28330-LTB-001-A MA-COM-28330-LTB-001-A_15 Datasheet
17Kb / 2P
CN8330EPJD/EPFD
More results

Similar Description - 2833

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
P440-825FM TRIPPLITE-P440-825FM Datasheet
164Kb / 2P
DB25 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com