Electronic Components Datasheet Search
  English  ▼

X  

CMB0207 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CMB0207
Description  High Pulse Load Carbon Film MELF Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMB0207 Datasheet(HTML) 2 Page - Vishay Siliconix

  CMB0207 Datasheet HTML 1Page - Vishay Siliconix CMB0207 Datasheet HTML 2Page - Vishay Siliconix CMB0207 Datasheet HTML 3Page - Vishay Siliconix CMB0207 Datasheet HTML 4Page - Vishay Siliconix CMB0207 Datasheet HTML 5Page - Vishay Siliconix CMB0207 Datasheet HTML 6Page - Vishay Siliconix CMB0207 Datasheet HTML 7Page - Vishay Siliconix CMB0207 Datasheet HTML 8Page - Vishay Siliconix CMB0207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CMB 0207
www.vishay.com
Vishay Beyschlag
Revision: 11-Feb-16
2
Document Number: 28755
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Specified power rating requires dedicated heat sink pads.
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATIONE MODE
STANDARD
POWER
Rated dissipation, P70
CMB 0207
0.4 W
1.0 W (1)
Operating temperature range
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
F max.
125 °C
155 °C
Max. resistance change at P70
for resistance range, |
R/R| after:
CMB 0207
2.2
 to 10 k
2.2
 to 10 k
1000 h
 0.5 %
 1 %
8000 h
 1 %
 2 %
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
CMB 0207
see TCR graph
± 5 %
2.2
 to 15 
E24
± 2 %
16
 to 1.5 M
E24
± 1 %
16
 to 1 M
E24; E96
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
CMB 0207
B2
2000
Antistatic blister tape
acc. IEC 60286-3 Type 2a
on reel
12 mm
4 mm
Ø 180 mm / 7"
B7
7000
Ø 330 mm / 13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: CMB02070X4701GB200
TYPE / SIZE
VERSION
TCR
VALUE
TOLERANCE
PACKAGING
CMB0207
0 = neutral
X = no indication
3 digit value
1 digit multiplier
Multiplier
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
J = ± 5 %
G = ± 2 %
F = ± 1 %
B2
B7
Product Description: CMB 0207 2 % B2 4K7
CMB
0207
2 %
B2
4K7
TYPE
SIZE
TOLERANCE
PACKAGING
RESISTANCE VALUE
CMB
0207
± 5 %
± 2 %
± 1 %
B2
B7
100R = 100
4K7 = 4.7 k
C
M
B
0
20
70
X
4
7
0
1
G
B
2
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com