Electronic Components Datasheet Search
  English  ▼

X  

MIC5166 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC5166
Description  3A High-Speed, Low-VIN DDR Terminator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5166 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC5166 Datasheet HTML 19Page - Microchip Technology MIC5166 Datasheet HTML 20Page - Microchip Technology MIC5166 Datasheet HTML 21Page - Microchip Technology MIC5166 Datasheet HTML 22Page - Microchip Technology MIC5166 Datasheet HTML 23Page - Microchip Technology MIC5166 Datasheet HTML 24Page - Microchip Technology MIC5166 Datasheet HTML 25Page - Microchip Technology MIC5166 Datasheet HTML 26Page - Microchip Technology MIC5166 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2018 - 2019 Microchip Technology Inc.
DS20006085B-page 23
MIC5166
TABLE 7-1:
BILL OF MATERIALS
Item
Part Number
Manufacturer
Description
Qty.
C1, C2,
C19
08056D226MAT
AVX
22 µF, 6.3V, ceramic capacitor, X5R, 0805
3
C2012X5R0J226K
TDK
GRM21BR60J226ME39L
Murata
C3
08056D225KAT2A
AVX
2.2µF, 6.3V, ceramic capacitor, X5R, 0805
1
C2012X5R0J225K
TDK
GRM21BR60J225KA01L
Murata
C4, C6,
C12
06035C102KAT
AVX
1 nF, 50V, ceramic capacitor, X7R, 0603
3
C1608X7R1H102K
TDK
GRM188R71H102KA01D
Murata
C7
06035A390JAT2A
AVX
39 pF, 50V, ceramic capacitor, NPO, 0603
1
C1608C0G1H390J
TDK
GRM1885C1H390JA01D
Murata
C8
06035A391JAT2A
AVX
390 pF, 50V, ceramic capacitor, NPO, 0603
1
C1608C0G1H391J
TDK
GRM188R71H391KA01D
Murata
C9
06035A101JAT2A
AVX
100 pF, 50V, ceramic capacitor, NPO, 0603
1
C1608C0G1H101J
TDK
GRM1885C1H101JA01D
Murata
C10, C11
12066D476MAT2A
AVX
47µF, 6.3V, ceramic capacitor, X5R,1206
2
C3216X5R0J476M
TDK
GRM31CR60J476ME19L
Murata
C14
12106D107MAT2A
AVX
100 µF, 6.3V, ceramic capacitor, X5R, 1210
1
C3225X5R0J107M
TDK
GRM32ER60J107ME20L
Murata
C15, C20,
C24
06036D106MAT
AVX
10 µF, 6.3V, ceramic capacitor, X5R, 0603
3
FP3-1R0-R
TDK
GRM188R60J106ME47D
Murata
C16, C18,
C21, C23
06036D105KAT2A
AVX
1 µF, 6.3V, ceramic capacitor, X5R, 0603
4
C1608X5R0J105K
TDK
GRM188R60J105KA01D
Murata
C17
06036D475KAT2A
AVX
4.7 µF, 6.3V, ceramic capacitor, X5R, 0603
1
C1608X5R0J475M
TDK
C1608X5R0J475M
Murata
C5
—
—
N.U. 0603 ceramic capacitor
1
C22
06035C104KAT2A
AVX
0.1 µF, 50V, ceramic capacitor, X7R, 0603
1
C1608X7R1H104K
TDK
GRM188R71H104KA93D
Murata
C13
EEU-FC1A471
Panasonic
470 µF/10V, Elect., 20%, 8x11.5, Radial
1
L1
FP3-1R0-R
Cooper
1 µH,6.26A Inductor
1
Q3, Q4
NDS8425
Fairchild
MOSFET, N-CH 20V 7.4A 8-SOIC
2
R1A
CRCW0603300RFKEA
Vishay Dale
300Ω, resistor, 1%, 0603
1
R1B
CRCW06031101FKEA
Vishay Dale
510Ω, resistor, 1%, 0603
1
R1C
CRCW0603806RFKEA
Vishay Dale
806Ω, resistor, 1%, 0603
1
R1D
CRCW06031K10FKEA
Vishay Dale
1.1 kΩ, resistor, 1%, 0603
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com