Electronic Components Datasheet Search
  English  ▼

X  

PCM1737 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1737
Description  24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1737 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1737 Datasheet HTML 20Page - Texas Instruments PCM1737 Datasheet HTML 21Page - Texas Instruments PCM1737 Datasheet HTML 22Page - Texas Instruments PCM1737 Datasheet HTML 23Page - Texas Instruments PCM1737 Datasheet HTML 24Page - Texas Instruments PCM1737 Datasheet HTML 25Page - Texas Instruments PCM1737 Datasheet HTML 26Page - Texas Instruments PCM1737 Datasheet HTML 27Page - Texas Instruments PCM1737 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
®
24
PCM1737
APPLICATIONS INFORMATION
CONNECTION DIAGRAMS
A basic connection diagram is shown in Figure 13, with the
necessary power supply bypassing and decoupling compo-
nents. Burr-Brown recommends using the component values
shown in Figure 13 for all designs.
The use of series resistors (22
Ω to 100Ω) are recommended
for SCLK, LRCK, BCLK, DATA inputs. The series resistor
combines with the stray PCB and device input capacitance
to form a low-pass filter which reduces high frequency noise
emissions and helps to dampen glitches and ringing present
on clock and data lines.
POWER SUPPLIES AND GROUNDING
The PCM1737 requires a +5V analog supply and a +3.3V
digital supply. The +5V supply is used to power the DAC
analog and output filter circuitry, while the +3.3V supply is
used to power the digital filter and serial interface circuitry.
For best performance, the +3.3V supply should be derived
from the +5V supply using a linear regulator, as shown in
Figure 13. Burr-Brown’s REG1117-3.3 is an ideal choice for
this application.
Proper power supply bypassing is shown in Figure 13. The
bypass capacitors should be tantalum or aluminum electro-
lytic, while the 0.1
µF capacitors are ceramic (X7R type is
recommended for surface-mount applications).
D/A OUTPUT FILTER CIRCUITS
Delta-sigma D/A converters utilize noise-shaping techniques
to improve in-band Signal-to-Noise Ratio (SNR) perfor-
mance at the expense of generating increased out-of-band
noise above the Nyquist Frequency, or fS/2. The out-of-
band noise must be low-pass filtered in order to provide the
optimal converter performance. This is accomplished by a
combination of on-chip and external low-pass filtering.
Figures 12a and 14 show the recommended external low-
pass active filter circuits for dual and single-supply applica-
tions. These circuits are 2nd-order Butterworth filters using
the Multiple Feedback (MFB) circuit arrangement, which
reduces sensitivity to passive component variations over
frequency and temperature. For more information regarding
MFB active filter design, please refer to Burr-Brown Appli-
cations Bulletin AB-034.
FIGURE 14. Dual-Supply Filter Circuit.
FIGURE 13. Basic Connection Diagram.
+
+
+
+
+
+
+
+
LRCK
DATA
BCLK
CLKO
SCLK
V
SS
V
DD
TEST1
TEST2
V
CCR
GNDR
V
COMR
V
OUTR
GNDA
ML
MC
MDI
MDO
ZEROR
ZEROL
RSTB
NC
NC
V
CCL
GNDL
V
COML
V
OUTL
V
CCA
From/To
Audio
Source
+3.3V
Regulator
Analog
Ground
R
S
(1)
C
1
C
2
To/From
Host
Controller
Zero Flag
Outputs
From Host or
Master Reset
To
Output
Filter
Circuits
+5V Analog
C
3
C
4
C
10
C
9
C
8
C
7
C
5
C
6
C
1, C4, C6, C9 = 10µF Tantalum or Aluminum Electrolytic
C
2, C5 = 0.1µF Ceramic
C
3, C10 = 1µF Tantalum or Aluminum Electrolytic
C
7, C8 = 1-10µF Aluminum Electrolytic
NOTE: (1) R
S = 20Ω to 100Ω
PCM1737
x
x
R
1
R
3
R
4
R
2
C
1
C
2
V
IN
V
OUT
OPA2134
2
3
1
R
2
R
1
A
V ≈ –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com