Electronic Components Datasheet Search
  English  ▼

X  

LAN9252/PT Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN9252/PT
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/PT Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN9252/PT Datasheet HTML 12Page - Microchip Technology LAN9252/PT Datasheet HTML 13Page - Microchip Technology LAN9252/PT Datasheet HTML 14Page - Microchip Technology LAN9252/PT Datasheet HTML 15Page - Microchip Technology LAN9252/PT Datasheet HTML 16Page - Microchip Technology LAN9252/PT Datasheet HTML 17Page - Microchip Technology LAN9252/PT Datasheet HTML 18Page - Microchip Technology LAN9252/PT Datasheet HTML 19Page - Microchip Technology LAN9252/PT Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 329 page
background image
LAN9252
DS00001909A-page 16
 2015 Microchip Technology Inc.
31
RD/RD_WR
DIGIO15
GPI15/GPO15
MII_RXD3
32
VDDIO
33
A0/D15
AD15
DIGIO9
GPI9/GPO9
MII_RXER
34
SYNC0/LATCH0
35
D3
AD3
WD_TRIG
SIO3
36
D6
AD6
DIGIO0
GPI0/GPO0
MII_RXCLK
37
VDDIO
38
VDDCR
39
D7
AD7
DIGIO1
GPI1/GPO1
MII_MDC
40
D8
AD8
DIGIO2
GPI2/GPO2
MII_MDIO
41
TESTMODE
42
EESDA/TMS
43
EESCL/TCK
44
IRQ
45
RUNLED/E2PSIZE
46
LINKACTLED1/TDI/CHIP_MODE1
47
VDDIO
48
LINKACTLED0/TDO/CHIP_MODE0
49
D4
AD4
DIGIO3
GPI3/GPO3
MII_LINK
50
D5
AD5
OUTVALID
SCS#
51
VDD33TXRX1
52
TXNA
53
TXPA
54
RXNA
55
RXPA
56
VDD12TX1
57
RBIAS
58
VDD33BIAS
59
VDD12TX2
60
RXPB
61
RXNB
62
TXPB
63
TXNB
64
VDD33TXRX2
Exposed
Pad
VSS
TABLE 3-2:
64-TQFP-EP PACKAGE PIN ASSIGNMENTS (CONTINUED)
Pin
Number
HBI Indexed
Mode Pin Name
HBI Multiplexed
Mode Pin Name
Digital I/O
Mode Pin Name
SPI with GPIO
Mode Pin Name
SPI with MII
Mode Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More