Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DBR Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1792DBR
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DBR Datasheet(HTML) 4 Page - Texas Instruments

  PCM1792DBR Datasheet HTML 1Page - Texas Instruments PCM1792DBR Datasheet HTML 2Page - Texas Instruments PCM1792DBR Datasheet HTML 3Page - Texas Instruments PCM1792DBR Datasheet HTML 4Page - Texas Instruments PCM1792DBR Datasheet HTML 5Page - Texas Instruments PCM1792DBR Datasheet HTML 6Page - Texas Instruments PCM1792DBR Datasheet HTML 7Page - Texas Instruments PCM1792DBR Datasheet HTML 8Page - Texas Instruments PCM1792DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1792DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSD MODE DYNAMIC PERFORMANCE (1) (2) (44.1 kHz, 64 fS)
THD+N at fS
4.5 V rms
0.0005%
Dynamic range
–60 dB, EIAJ, A-weighted
128
dB
Signal-to-noise ratio
EIAJ, A-weighted
128
dB
ANALOG OUTPUT
Gain error
–6
±2
6
% of FSR
Gain mismatch, channel-to-channel
–3
±0.5
3
% of FSR
Bipolar zero error
At BPZ
–2
±0.5
2
% of FSR
Output current
Full scale (0 dB)
7.8
mA p-p
Center current
At BPZ
–6.2
mA
DIGITAL FILTER PERFORMANCE
De-emphasis error
±0.004
dB
FILTER CHARACTERISTICS–1: SHARP ROLL OFF
Pass band
±0.00001 dB
0.454 fS
Pass band
–3 dB
0.49 fS
Stop band
0.546 fS
Pass-band ripple
±0.00001
dB
Stop-band attenuation
Stop band = 0.546 fS
–130
dB
Delay time
55/fS
s
FILTER CHARACTERISTICS–2: SLOW ROLL OFF
Pass band
±0.04 dB
0.254 fS
Pass band
–3 dB
0.46 fS
Stop band
0.732 fS
Pass-band ripple
±0.001
dB
Stop-band attenuation
Stop band = 0.732 fS
–100
dB
Delay time
18/fS
s
(1) Filter condition:
THD+N: 20-Hz HPF, 20-kHz apogee LPF
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two Cascade audio measurement system by Audio Precision in the averaging
mode.
(2) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com