Electronic Components Datasheet Search
  English  ▼

X  

PCM1793DBR Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1793DBR
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1793DBR Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1793DBR Datasheet HTML 19Page - Texas Instruments PCM1793DBR Datasheet HTML 20Page - Texas Instruments PCM1793DBR Datasheet HTML 21Page - Texas Instruments PCM1793DBR Datasheet HTML 22Page - Texas Instruments PCM1793DBR Datasheet HTML 23Page - Texas Instruments PCM1793DBR Datasheet HTML 24Page - Texas Instruments PCM1793DBR Datasheet HTML 25Page - Texas Instruments PCM1793DBR Datasheet HTML 26Page - Texas Instruments PCM1793DBR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
23
VDD
Digital Section
Analog Section
RF Choke or Ferrite Bead
Power Supplies
Common
Ground
Output
Circuits
AGND
VCC
+VS
+5V
−VS
AGND
VDD
DGND
REG
PCM1793
Figure 31. Single-Supply PCB Layout
Bypass and Decoupling Capacitor Requirements
Various-sized decoupling capacitors can be used, with no special tolerances being required. All capacitors must be
located as close as possible to the appropriate pins of the PCM1793 to reduce noise pickup from surrounding circuitry.
Aluminum electrolytic capacitors that are designed for hi-fi audio applications are recommended for larger values,
while metal film or monolithic ceramic capacitors are used for smaller values.
Post-LPF Design
By proper choice of the op amp and resistors used in the post-LPF circuit, excellent performance of the PCM1793
should be achieved. To obtain 0.001% THD+N, 113 dB signal-to-noise-ratio audio performance, the THD+N and input
noise performance of the op amp must be considered. This is because the input noise of the op amp contributes
directly to the output noise level of the application. The VOUT pins of the PCM1793 and the input resistor of the
post-LPF circuit must be connected as closely as possible.
Out-of-band noise level and attenuated sampling spectrum level are much lower than for typical delta-sigma type
DACs due to the combination of a high-performance digital filter and advanced segment DAC architecture. The use
of a second-order or third-order post-LPF is recommended for the post-LPF of the PCM1793. The cutoff frequency
of the post-LPF depends on the application. For example, there are many sampling-rate operations such as
fS = 44.1 kHz on CDDA, fS = 96 kHz on DVD-M, fS = 192 kHz on DVD-A, fS = 64 fS on DSD (SACD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com