Electronic Components Datasheet Search
  English  ▼

X  

PCM1772RGA.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1772RGA.B
Description  LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH LINEOUT AMPLIFIER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1772RGA.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1772RGA.B Datasheet HTML 18Page - Texas Instruments PCM1772RGA.B Datasheet HTML 19Page - Texas Instruments PCM1772RGA.B Datasheet HTML 20Page - Texas Instruments PCM1772RGA.B Datasheet HTML 21Page - Texas Instruments PCM1772RGA.B Datasheet HTML 22Page - Texas Instruments PCM1772RGA.B Datasheet HTML 23Page - Texas Instruments PCM1772RGA.B Datasheet HTML 24Page - Texas Instruments PCM1772RGA.B Datasheet HTML 25Page - Texas Instruments PCM1772RGA.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
www.ti.com
Control Interface Timing Requirements (PCM1772)
t(MCH)
50% of VCC1
MS
t(MLS)
LSB
50% of VCC1
50% of VCC1
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
T0013-01
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
Figure 27 shows a detailed timing diagram for the serial control interface. These timing parameters are critical
for proper control port operation.
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNIT
MC pulse cycle time
t(MCY)
100(1)
ns
MC low-level time
t(MCL)
50
ns
MC high-level time
t(MCH)
50
ns
MS high-level time
t(MHH)
(2)
ns
MS falling edge to MC rising edge
t(MLS)
20
ns
MS hold time
t(MLH)
20
ns
MD hold time
t(MDH)
15
ns
MD setup time
t(MDS)
20
ns
(1)
When MC runs continuously between transactions, MC pulse cycle time is specified as 3/(128 fS), where fS is the
sampling rate.
(2)
3/(128fS) s (minimum), where fS is sampling rate
Figure 27. Control Interface Timing
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com