Electronic Components Datasheet Search
  English  ▼

X  

PCM1851 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1851
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1851 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1851 Datasheet HTML 24Page - Texas Instruments PCM1851 Datasheet HTML 25Page - Texas Instruments PCM1851 Datasheet HTML 26Page - Texas Instruments PCM1851 Datasheet HTML 27Page - Texas Instruments PCM1851 Datasheet HTML 28Page - Texas Instruments PCM1851 Datasheet HTML 29Page - Texas Instruments PCM1851 Datasheet HTML 30Page - Texas Instruments PCM1851 Datasheet HTML 31Page - Texas Instruments PCM1851 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
28
BOARD DESIGN AND LAYOUT CONSIDERATIONS
VCC, VDD Pins
The digital and analog power supply lines to the PCM1850/1851 must be bypassed to the corresponding ground pins with
0.1-
µF ceramic and 10-µF electrolytic capacitors as close to the pins as possible to maximize the dynamic performance
of the ADC.
AGND, DGND Pins
To maximize the dynamic performance of the PCM1850/1851, the analog and digital grounds are not connected internally.
These grounds must have low impedance to avoid digital noise feeding back into the analog ground. Therefore, they should
be connected directly to each other under the parts to reduce the potential of a noise problem.
VINL[1:6], VINR[1:6] Pins
A 0.33-
µF capacitor is recommended as the ac-coupling capacitor, which gives a 2.4- to 8.5-Hz cutoff frequency. If higher
full-scale input voltage is required, it can be adjusted by adding only one series resistor to each VINxx pin, but a signal source
resistance less than 1 k
Ω is recommended for these pins in order to keep accuracy of the gain control command and to
maintain crosstalk performance.
MOUTL, MOUTR Pins
An ac-coupled light load is recommended; a 2.2-
µF capacitor with a 10-kΩ load gives a 7.2-Hz cutoff frequency.
VREF1, VREF2, VREFS Pins
Between VREF1 and AGND, VREF2 and AGND, and VREFS and AGND, 0.1-µF ceramic and 10-µF electrolytic capacitors
are recommended to ensure low source impedance of the ADC references. These capacitors should be located as close
as possible to the VREF1, VREF2, and VREFS pins to reduce dynamic errors on the ADC references. The differential voltage
between VREF2 and AGND sets the analog input full-scale range.
BCK and LRCK Pins (in Master Mode), DOUT Pin
These pins have enough load driving capability. However, if the output line is long, locating a buffer near the PCM1850/1851
and minimizing load capacitance is recommended in order to minimize the digital-analog crosstalk and maximize the
dynamic performance of the ADC.
System Clock
Because the PCM1850/1851 operates based on a system clock, the quality of the system clock can influence dynamic
performance. Therefore, it is recommended to consider the system clock duty, jitter, and the time difference between the
system clock transition and the BCK or LRCK transition in slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com