Electronic Components Datasheet Search
  English  ▼

X  

PCM3010DB Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM3010DB
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3010DB Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM3010DB Datasheet HTML 14Page - Texas Instruments PCM3010DB Datasheet HTML 15Page - Texas Instruments PCM3010DB Datasheet HTML 16Page - Texas Instruments PCM3010DB Datasheet HTML 17Page - Texas Instruments PCM3010DB Datasheet HTML 18Page - Texas Instruments PCM3010DB Datasheet HTML 19Page - Texas Instruments PCM3010DB Datasheet HTML 20Page - Texas Instruments PCM3010DB Datasheet HTML 21Page - Texas Instruments PCM3010DB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
PCM3010
SLES055 – NOVEMBER 2002
18
www.ti.com
supply current
Figure 36
0
5
10
15
20
25
30
35
–50
–25
0
25
50
75
100
TA – Free-Air Temperature – °C
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
ICC1 + ICC2
IDD
Figure 37. Supply Current vs Sampling Frequency,
ADC and DAC Operating
0
5
10
15
20
25
30
35
16
32
48
64
80
96
112
fS – Sampling Frequency – kHz
SUPPLY CURRENT
vs
SAMPLING FREQUENCY
ICC1 + ICC2
IDD
Figure 38
0
5
10
15
20
25
30
35
4.25
4.50
4.75
5.00
5.25
5.50
5.75
VCC1, VCC2 – Supply Voltage – V
SUPPLY CURRENT
vs
VCC1, VCC2 SUPPLY VOLTAGE
ICC1 + ICC2
Figure 39
0
5
10
15
20
25
30
35
2.7
3.0
3.3
3.6
3.9
VDD – Supply Voltage – V
SUPPLY CURRENT
vs
VDD SUPPLY VOLTAGE
IDD
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 44.1 kHz, SCKI = 384 fS, 24-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com