Electronic Components Datasheet Search
  English  ▼

X  

PCM3501E Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM3501E
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3501E Datasheet(HTML) 1 Page - Texas Instruments

  PCM3501E Datasheet HTML 1Page - Texas Instruments PCM3501E Datasheet HTML 2Page - Texas Instruments PCM3501E Datasheet HTML 3Page - Texas Instruments PCM3501E Datasheet HTML 4Page - Texas Instruments PCM3501E Datasheet HTML 5Page - Texas Instruments PCM3501E Datasheet HTML 6Page - Texas Instruments PCM3501E Datasheet HTML 7Page - Texas Instruments PCM3501E Datasheet HTML 8Page - Texas Instruments PCM3501E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
®
1
PCM3501
FEATURES
q 16-BIT DELTA-SIGMA DAC AND ADC
q DIFFERENTIAL INPUT AND OUTPUT
q DESIGNED FOR MODEM ANALOG FRONT END:
Supports up to 56kbps Operation
q ANALOG PERFORMANCE:
Sampling Frequency: 7.2kHz to 26kHz
Dynamic Range: 88dB (typ) at fS = 8kHz, fIN = 1kHz
q SYSTEM CLOCK: 512f
S
q MASTER OR SLAVE OPERATION
q ON-CHIP CRYSTAL OSCILLATOR CIRCUIT
q ADC-TO-DAC LOOP-BACK MODE
q TIME SLOT MODE SUPPORTS UP TO
FOUR CODECs ON A SINGLE SERIAL
INTERFACE
DESCRIPTION
The PCM3501 is a low cost, 16-bit CODEC designed
for modem Analog Front End (AFE) and speech pro-
cessing applications. The PCM3500’s low power op-
eration from +2.7V to +3.6V power supplies, along
with an integrated power-down mode, make it ideal for
portable applications.
The PCM3501 integrates all of the functions needed for
a modem or voice CODEC, including delta-sigma
© 1999 Burr-Brown Corporation
PDS-1569A
Printed in U.S.A. December, 1999
PCM3501
®
Low Voltage, Low Power, 16-Bit, Mono
VOICE/MODEM CODEC
APPLICATIONS
q SOFTWARE MODEMS FOR:
Personal Digital Assistant
Notebook and Hand-Held PCs
Set-Top Box
Digital Television
Embedded Systems
q PORTABLE VOICE RECORDER/PLAYER
q SPEECH RECOGNITION/SYNTHESIS
q TELECONFERENCING PRODUCTS
TM
digital-to-analog and analog-to-digital converters, in-
put anti-aliasing filter, digital high-pass filter for DC
blocking, and an output low-pass filter. The synchro-
nous serial interface provides for a simple, or glue-free
interface to popular DSP and RISC processors. The
serial interface also supports Time Division Multiplex-
ing (TDM), allowing up to four CODECs to share a
single 4-wire serial bus.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
q POWER-DOWN MODE: 60
µA (typ)
q SINGLE +2.7V TO +3.6V POWER SUPPLY
q SMALL PACKAGE: 24-Lead SSOP
PCM3501
Interpolation
Digital Filter
Mode Control
Decimation
Digital Filter
Reference
AAF
HPF
M/S
HPFD
TSC
XTI
XTO
LOOP
V
REF1
V
COM
V
REF2
V
IN+
V
IN–
PDWN
Power
DGND
AGND
V
DD
V
CC
Loop
FS
BCK
DIN
DOUT
FSO
SCKIO
Clock
Gen/
OSC
∆Σ
Modulator
(ADC)
∆Σ
Modulator
SMF
V
OUT+
V
OUT–
Multi-Level
DAC
SBAS137


Similar Part No. - PCM3501E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3501E BURR-BROWN-PCM3501E Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3501E TI1-PCM3501E Datasheet
384Kb / 28P
VOICE/MODEM CODEC
PCM3501E/2K TI1-PCM3501E/2K Datasheet
384Kb / 28P
VOICE/MODEM CODEC
PCM3501E/2KG4 TI1-PCM3501E/2KG4 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
PCM3501EG4 TI1-PCM3501EG4 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
More results

Similar Description - PCM3501E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
16-Bit Mono Audio Voice Codec
Rev 0; 10/08
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
16-Bit Mono Audio Voice Codec
Rev 2; 2/12
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com