Electronic Components Datasheet Search
  English  ▼

X  

PCM3000 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM3000
Description  18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3000 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM3000 Datasheet HTML 26Page - Texas Instruments PCM3000 Datasheet HTML 27Page - Texas Instruments PCM3000 Datasheet HTML 28Page - Texas Instruments PCM3000 Datasheet HTML 29Page - Texas Instruments PCM3000 Datasheet HTML 30Page - Texas Instruments PCM3000 Datasheet HTML 31Page - Texas Instruments PCM3000 Datasheet HTML 32Page - Texas Instruments PCM3000 Datasheet HTML 33Page - Texas Instruments PCM3000 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
www.ti.com
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
PDWN:
Bit 8 – ADC Power-Down Control
This bit places the ADC section in a power-down mode, forcing the output data to all zeroes. This has no effect
on the DAC section or the contents of the mode registers.
PDWN
0
Power-down mode disabled (default)
1
Power-down mode enabled
BYPS:
Bit 7 – ADC High-Pass Filter Bypass Control
This bit enables or disables the high-pass filter for the ADC.
BYPS
0
High-pass filter enabled (default)
1
High-pass filter disabled (bypassed)
res:
Bit 6 – Reserved
This bit is reserved and should be set to 0.
ATC:
Bit 5 – DAC Attenuation Data Mode Control
When set to 1, the REGISTER 0 attenuation data is used for both DAC channels. In this case, the REGISTER 1
attenuation data is ignored.
ATC
0
Individual channel attenuation data control (default)
1
Common channel attenuation data control
IZD:
Bit 4 – DAC Infinite Zero Detection Circuit Control
This bit enables the infinite zero detection circuit in the PCM3000. When enabled, this circuit disconnects the
analog output amplifier from the delta-sigma DAC when the input is continuously zero for 65,536 consecutive
cycles of BCKIN.
IZD
0
Infinite zero detection disabled (default)
1
Infinite zero detection enabled
OUT:
Bit 3 – DAC Output Enable Control
When set to 1, the outputs are forced to VCC/2 (bipolar zero). In this case, all registers in the PCM3000 hold the
present data. Therefore, when set to 0, the outputs return to the previous programmed state.
OUT
0
DAC outputs enabled (default normal operation)
1
DAC outputs disabled (forced to BPZ)
DEM[1:0]:
Bits 2:1 – DAC De-Emphasis Control
These bits select the de-emphasis mode as shown.
DEM1
DEM0
0
0
De-emphasis OFF (default)
0
1
De-emphasis 48 kHz ON
1
0
De-emphasis 44.1 kHz ON
1
1
De-emphasis 32 kHz ON
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com