Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DBR Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM4202DBR
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM4202DBR Datasheet HTML 3Page - Texas Instruments PCM4202DBR Datasheet HTML 4Page - Texas Instruments PCM4202DBR Datasheet HTML 5Page - Texas Instruments PCM4202DBR Datasheet HTML 6Page - Texas Instruments PCM4202DBR Datasheet HTML 7Page - Texas Instruments PCM4202DBR Datasheet HTML 8Page - Texas Instruments PCM4202DBR Datasheet HTML 9Page - Texas Instruments PCM4202DBR Datasheet HTML 10Page - Texas Instruments PCM4202DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
At TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise noted.
OVERALL CHARACTERISTICS
SINGLE RATE FILTER
−200
−150
−100
−50
0
50
0
0.5
1.01.5
2.02.5
3.03.5
4.0
Normalized Frequency (f
S)
f
S =48 kHz
STOP BAND ATTENUATION CHARACTERISTICS
SINGLE RATE FILTER
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150
0
0.25
0.5
0.75
1
Normalized Frequency (f
S)
f
S =48 kHz
PASSBAND RIPPLE CHARACTERISTICS
SINGLE RATE FILTER
0.02
0
−0.02
−0.04
−0.06
−0.08
−0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Normalized Frequency (f
S)
f
S =48kHz
TRANSIENT BAND CHARACTERISTICS
SINGLE RATE FILTER
Normalized Frequency (f
S)
f
S =48kHz
0
−1
−2
−3
−4
−5
−6
−7
−8
−9
−10
0.51
0.49
0.47
0.45
0.53
0.55
OVERALL CHARACTERISTICS
DUAL RATE FILTER
Normalized Frequency (f
S)
50
0
−50
−100
−150
−200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
f
S = 96kHz
STOP BAND ATTENUATION CHARACTERISTICS
DUAL RATE FILTER
0
0.25
0.5
0.75
1
Normalized Frequency (f
S)
f
S =96kHz
0
−10
−20
−30
−40
−50
−60
−70
−80
−90
−100
−110
−120
−130
−140
−150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com