Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB.B Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM4202DB.B
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB.B Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM4202DB.B Datasheet HTML 7Page - Texas Instruments PCM4202DB.B Datasheet HTML 8Page - Texas Instruments PCM4202DB.B Datasheet HTML 9Page - Texas Instruments PCM4202DB.B Datasheet HTML 10Page - Texas Instruments PCM4202DB.B Datasheet HTML 11Page - Texas Instruments PCM4202DB.B Datasheet HTML 12Page - Texas Instruments PCM4202DB.B Datasheet HTML 13Page - Texas Instruments PCM4202DB.B Datasheet HTML 14Page - Texas Instruments PCM4202DB.B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C with VCC = +5V, VDD = +3.3V, and a measurement bandwidth from 20Hz to 20kHz, unless otherwise noted.
THD+N vs FREQUENCY
(f
S = 48kHz, Input Amplitude = − 0.5dB,
BW = 10Hz to 20kHz)
Input Frequency (Hz)
−90
−92
−94
−96
−98
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
1k
100
20
10k
20k
THD+N vs AMPLITUDE
(f
S =96kHz,fIN = 1kHz, BW = 10Hz to 40kHz)
Input Amplitude (dB)
−90
−92
−94
−96
−98
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
−80
−60
−120
−100
−140
−40
−20
0
THD+N vs FREQUENCY
(f
S = 96kHz, Input Amplitude = − 0.5dB,
BW = 10Hz to 40kHz)
Input Frequency (Hz)
−90
−92
−94
−96
−98
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
1k
100
20
10k
40k
THD+N vs AMPLITUDE
(fS =192kHz, fIN =1kHz, BW = 10Hz to 40kHz)
Input Amplitude (dB)
−90
−92
−94
−96
−98
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
−80
−60
−120
−100
−140
−40
−20
0
THD+N vs FREQUENCY
(f
S = 192kHz, Input Amplitude = −0.5dB,
BW = 10Hz to 40kHz)
Input Frequency (Hz)
−90
−92
−94
−96
−98
−100
−102
−104
−106
−108
−110
−112
−114
−116
−118
−120
1k
100
20
10k
80k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com