Electronic Components Datasheet Search
  English  ▼

X  

EM340 Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # EM340
Description  Type EM340
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM340 Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  EM340 Datasheet HTML 1Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM340 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EM340
Specification are subject to change without notice EM340 DS 100316
4
Output specifications
RS485 serial port
RS485 by screw
connection.
Function
For communication
of measured data,
programming parameters
Protocol
ModBus RTU (slave
function)
Baud rate
9.6, 19.2, 38.4, 57.6, 115.2
kbaud,
Data format
even or no parity,
Address
1 to 247 (default: 01)
Driver input capability
1/8 unit load. Maximum 247
devices on the
same bus.
Data refresh time
1sec
Read command
50 words available in 1
read command
Rx/Tx indication
Rx segment on display
is shown when a valid
Modbus command is sent
to that specific meter
Tx segment on display
is shown when a valid
Modbus reply is sent back
to the master
M-bus port
M-bus by screw
connection.
Function
For communication of
measured data
Protocol
M-bus according to
EN13757-1
Baud rate
0.3, 2.4, 9.6 kbaud
Meters in the M-bus network
250
Primary address
Selectable
Secondary address
Univocally defined in each
unit
Identification number range from 9000 0000 to 9999
9999
Other
Available functions: wild
card, header, initialisation
SND_NKE, and req_udr
management. Management
of primary address
modification via M-bus and
reset of partial energy via
M-bus available.
VIF, VIFE, DIF and DIFE:
see protocoll
Static output
Purpose
For pulse output
proportional to the active
energy (kWh)
Pulse rate
Selectable in multiple of
100
Max 500 or 2000 kWh
according to pulse ON
duration
Digital input specifications
Input specifications (cont.)
power factor if inductive
or PF>0.996 (<5°) if
capacitive
- a current at least equal to
10% rated current (primary
current transformer)
Digital inputs
Free of voltage contact
Function
Tariff management (switch
between t1-t2)
Number of inputs
1
Contact measurement voltage 5 V
Input impedance
1kohm
Contact resistance
≤1kohm, close contact
≥100kohm, open contact
Overload
In case a voltage is
erroneously applied to the
digital input, the input is not
damaged up to 30 VAC/
DC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com