Electronic Components Datasheet Search
  English  ▼

X  

STR-M3 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # STR-M3
Description  SPACERS/STANDOFF ORGANIZER KITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

STR-M3 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  STR-M3 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPACERS/STANDOFF ORGANIZER KITS
79
ENGINEERING DESIGN KITS
SPACER ASSORTMENT KITS
Maintain a neat complete inventory of the most frequently used spacers
and standoffs in day-to-day operations. Choice of 14 different kits of the
most popular spacers and standoffs. An assortment of various sizes and
styles in Brass, Aluminum and Nylon with tapped or thru hole. Supplied with
clear draw cabinet labeled for easy identification.
Kits combine the most frequently used spacers or standoffs for stacking
and a multi-stacking prototyping.
Assortment of 400 total standoffs: Female-Female standoffs
and Male–Female standoffs both Aluminum and Nylon, with
lengths of .250, .500, .750 and 1.000.
25 pieces of each size. Complete with cabinet and
25 machine screws with matching thread.
Brass kit is an assortment of 750 pieces of .500, .750, 1.000,
and 1.500 long standoffs with 4-40, 6-32 and 8-32 thread.
Complete with cabinet.
Stainless kit is an assortment of 250 pieces of .250, .500,
.750, and 1.000 long standoffs with 4-40, 6-32 and
8-32 thread.
Complete with cabinet and
25 pieces of each screw size.
Assortment of 1500 pieces in .250, .375, .500, .750 and 1.000
lengths, with clearance holes for #4, #6 and #8.
100 pieces of each size. Complete with cabinet.
Assortment of 400 total spacers: Brass, Aluminum, Nylon,
Rolled Aluminum, with lengths of .250, .500, .750 and 1.000.
25 pieces of each size. Complete with cabinet.
CAT.
NO.
KIT SUPPLIED WITH
STR-15
Round Brass Zinc Plated Standoffs
STR-35
Round Aluminum Standoffs with Iridite Finish
STH-14
Hex Brass Zinc Plated Standoffs
STH-22
Hex Aluminum Standoff with Iridite Finish
CAT.
NO.
KIT SUPPLIED WITH
SPR-13
Brass Nickel Plated Spacers
SPR-34
Aluminum Spacers with Iridite Finish
SPR-8
Nylon 6/6 Spacers
CAT.
NO.
KIT SUPPLIED WITH
SCR-4
#4 Clear Hole Spacers
SCR-6
#6 Clear Hole Spacers
SCR-8
#8 Clear Hole Spacers
CAT.
NO.
KIT SUPPLIED WITH
STR-440
4-40 Threaded Standoffs
STR-632
6-32 Threaded Standoffs
STR-832
8-32 Threaded Standoffs
Assortment of 425 total pieces. Female-Female standoffs and
Male-Female standoffs both aluminum and nylon, with lengths
of 10mm, 12mm, 15mm and 20mm.
25 pieces of each size. Complete with cabinet and
25 machine screws with matching threads.
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
CLEAR HOLE SPACER KITS
THREADED STANDOFF KITS
METRIC STANDOFF KITS
HEX STANDOFF KITS
FEMALE-FEMALE STANDOFF KITS
MALE-FEMALE STANDOFF KITS
CIRCUIT BOARD SPACER/SUPPORT ENGINEERING DESIGN KITS
SELF-RETAINING SPACER ENGINEERING DESIGN KIT
Assortment of 1500 pieces in .250, .375, .500, .750 and 1.000
lengths, with thread sizes of 4-40, 6-32, and 8-32.
100 pieces of each size. Complete with cabinet.
CAT.
NO.
KIT SUPPLIED WITH
STR-M3
M3 Threaded Standoffs
STR-M4
M4 Threaded Standoffs
CAT.
NO.
KIT SUPPLIED WITH
STH-19
Brass-Nickel Plate Standoffs
STH-20
Stainless Steel Standoffs
Assortment of 400 total pieces per kit of Self Retaining Round
Nylon Spacers. Lengths of .125, .250, .500 and .750
25 pieces of each size/style.
Complete with cabinet.
CAT.
NO.
KIT SUPPLIED WITH
CBH-1
SlimLine Products – Tension Fit; Lock-In,
Easy Lock and Single Sided
CBH-2
Lock-In Products - Tension Fit; Lock-In,
Easy Lock and Single Sided
CBH-3
Stacking Products – Thru-Hole and Self Aligning
Assortment of 400 total pieces per kit of a variety of Circuit
Board Hardware in .125, .250, .375 and .500 lengths in
Nylon 6/6 material.
25 pieces of each size/style.
Complete with cabinet.
CAT.
NO.
KIT SUPPLIED WITH
SCR-10
#4, #6, #8 & #10 Spacers
M60Section4FREV1A-COLOR_9-2011 4/5/13 2:48PM Page79


Similar Part No. - STR-M3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR-M3 ETC2-STR-M3 Datasheet
268Kb / 1P
SPACERS/STANDOFF ORGANIZER KITS
More results

Similar Description - STR-M3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCR-8 ETC2-SCR-8 Datasheet
268Kb / 1P
SPACERS/STANDOFF ORGANIZER KITS
V27PX ETC2-V27PX Datasheet
240Kb / 2P
WATCH, CALCULATOR, PHOTO AND ORGANIZER BATTERIES
logo
Renesas Technology Corp
RNA53A27F RENESAS-RNA53A27F_15 Datasheet
91Kb / 7P
System Organizer IC for Dedicate Microcomputer
logo
Samtec, Inc
QSPR-01 SAMTEC-QSPR-01 Datasheet
278Kb / 2P
QXX SERIES STANDOFF
logo
3M Electronics
1115NS 3M-1115NS Datasheet
90Kb / 3P
Tube Organizer 1115, 1115NS
30-Jul-2020
logo
Keystone Electronics Co...
24884 KEYSTONE-24884 Datasheet
105Kb / 1P
SM STANDOFF
11.16.16
4873 KEYSTONE-4873 Datasheet
208Kb / 1P
SM STANDOFF
4.05.17
4882 KEYSTONE-4882 Datasheet
105Kb / 1P
SM STANDOFF
4.11.16
logo
List of Unclassifed Man...
47553 ETC-47553 Datasheet
248Kb / 1P
Universal Organizer, Corrugated
logo
Keystone Electronics Co...
7665 KEYSTONE-7665 Datasheet
74Kb / 1P
CERAMIC STANDOFF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com