Electronic Components Datasheet Search
  English  ▼

X  

MAX14819 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14819
Description  Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14819 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14819 Datasheet HTML 17Page - Maxim Integrated Products MAX14819 Datasheet HTML 18Page - Maxim Integrated Products MAX14819 Datasheet HTML 19Page - Maxim Integrated Products MAX14819 Datasheet HTML 20Page - Maxim Integrated Products MAX14819 Datasheet HTML 21Page - Maxim Integrated Products MAX14819 Datasheet HTML 22Page - Maxim Integrated Products MAX14819 Datasheet HTML 23Page - Maxim Integrated Products MAX14819 Datasheet HTML 24Page - Maxim Integrated Products MAX14819 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Detailed Description
The MAX14819 low-power dual-channel industrial IO-Link
master transceiver is fully compliant with the latest SDCI/
IO-Link standards and test specifications. The MAX14819
features two integrated framers but can alternatively oper-
ate with external UARTs.
The MAX14819 features a high-speed SPI interface
for system-side data and control interfacing. Integrated
IO-Link message frame handlers and FIFOs simplify time
critical control and cycle time management of all IO-Link
M-sequence communication, easing data link layer con-
trol. Autonomous cycle timers also reduce the need for
accurate controller timing. Integrated establish-communi-
cation sequencers simplify wake-up management.
The MAX14819 further includes two sensor supply con-
trollers (L+A, L+B) with current limiting and reverse cur-
rent blocking. The current limit is set with external sense
resistors.
POWER
Power-Up
The CQ_ driver outputs are high impedance when the
VCC supply, V5, and VL voltages are below their respec-
tive undervoltage thresholds during power-up.
The drivers are automatically disabled when the VCC
voltage falls below the 9V (typ) UVLO threshold. The SPI
interface remains active while V5 and VL are present.
VCC Low Voltage and Undervoltage Detection
The MAX14819 monitors the VCC supply for low-voltage
and undervoltage conditions. Low-voltage warnings are
reported in the Status register and can be configured to
generate an interrupt on the IRQ output.
When VCC falls below the 18V (max) low-voltage warn-
ing threshold, the VCCWarn and VCCWarnCOR bits in
the Status register are set. If VCCWarnCOR in the Clock
register is set, a StatusInt interrupt is generated and IRQ
asserts.
When VCC falls below the 9V (max) undervoltage-lockout
(UVLO) threshold, the VCCUV and VCCUVCOR bits in the
Status register are set. A StatusInt interrupt is generated
and IRQ asserts.
5V Linear Regulator
The MAX14819 includes an integrated regulator to gener-
ate 5V (V5). To enable the internal regulator, leave REGEN
unconnected and connect a 1μF bypass capacitor between
V5 and ground as close as possible to the device. The
internal V5 regulator is capable of driving external loads
up to 20mA.
When the internal 5V linear regulator is not used, V5 is the
supply input for the internal analog and digital functions and
must be supplied externally. Connect REGEN to ground to
disable the internal regulator when applying an external 5V
to V5. Ensure that V5 is present for normal operation.
An internal undervoltage lockout comparator detects
when the V5 voltage falls below the 3.5V (typ) V5_UVLO
threshold. When the V5 voltage drops below this level,
the device is under reset: SPI registers are reset to their
power-up state, the CQ_ outputs and L+_ supplies are
disabled, internal pullups/pulldowns are turned off, the
CQ_ and DI_ receivers are disabled, and the LED outputs
are high impedance. When the V5 voltage rises above the
UVLO threshold, the MAX14819 restarts in the default
power-on configuration.
The internal V5 regulator output is not protected against
short circuits.
Logic Supply (VL)
The VL input is the logic-level supply for all the digital I/
Os. Apply a voltage between 1.62V and 5.5V to VL for
normal operation.
Internal UVLO circuitry monitors the VL supply. If VL falls
below the 0.7V (typ) VL UVLO threshold, all the digital
I/Os referred to VL are ignored and either set to high
impedance or are low.
L+ Sensor Supply Controllers
The MAX14819 includes one sensor/actuator supply
controller for each IO-Link channel, L+A and L+B. Each
sensor supply is configurable through the SPI interface and
must be enabled by setting the L+En_ bit in the L+Cnfg_
register. Using external pMOS transistors, these controllers
provide active current limiting, reverse current blocking,
and undervoltage detection. The 24V VCC field supply
input is tolerant to reverse voltage and the L+A/L+B output
is negative voltage capable down to VCC - 60V.
MAX14819
Dual IO-Link Master Transceiver with Integrated
Framers and L+ Supply Controllers
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com